FP0507V1-R050-R
AI

The **FP0507V1-R050-R** is a high-performance, high-frequency, power inductor typically used in Voltage Regulator Modules (VRMs) and DC-DC converters. It is part of the FP0507V series manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**.
---
### ## Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Characteristic | Specification |
| :--- | :--- |
| **Inductance** | 50 nH (0.050 µH) |
| **Tolerance** | ±10% |
| **Saturation Current ($I_{sat}$)** | ~53 Amperes |
| **RMS Current ($I_{rms}$)** | ~40 Amperes |
| **DC Resistance (DCR)** | 0.44 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | Vertical Mount (0507) |
| **Dimensions** | ~5.0mm x 7.0mm x 7.0mm |
---
### ### Key Features
1. **High Current Handling:** Designed to manage high saturation currents, making it ideal for multi-phase buck converters.
2. **Low DCR:** The extremely low DC resistance (0.44 mΩ) minimizes power loss and improves efficiency in power-hungry applications.
3. **Vertical Orientation:** The "V" in the part number signifies a vertical mounting style, which saves significant PCB real estate compared to horizontal inductors.
4. **Ferrite Core Material:** Uses a high-frequency ferrite core that ensures low core losses at switching frequencies up to several Megahertz (MHz).
---
### ### Common Applications
These inductors are frequently found in high-density power environments:
* **Computing:** CPU/GPU voltage regulation for servers and workstations.
* **Data Centers:** High-current Point-of-Load (POL) modules.
* **Networking:** Routers, switches, and high-speed telecommunication equipment.
* **Graphics Cards:** High-end desktop GPUs requiring stable, high-current power delivery.
---
### ### Part Number Breakdown
| Prefix | Size Code | Orientation | Inductance Code | RoHS Status |
| :--- | :--- | :--- | :--- | :--- |
| **FP** | **0507** | **V1** | **R050** | **-R** |
| High Frequency Inductor | 5.0 x 7.0 mm footprint | Vertical Mount | 0.050 µH (50 nH) | RoHS Compliant |
- ⤷
What is the significance of the saturation current vs. the RMS current in this inductor?
- ⤷ Are there horizontal mounting alternatives to the FP0507V series?
- ⤷ How does the ferrite core material affect EMI performance in high-frequency designs?