EXL1V0503-R82-R
AI

The **EXL1V0503-R82-R** is a high-current, shielded power inductor typically used in DC-DC converter applications. It belongs to a class of surface-mount (SMD) components designed for high efficiency and high power density.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~11.0 A (Typical) |
| **Saturation Current (Isat)** | ~16.0 A (Typical) |
| **DC Resistance (DCR)** | ~7.2 mΩ (Max) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size** | 5.5 x 5.3 x 3.0 mm (Approx.) |
| **Shielding** | Magnetically Shielded |
---
### 2. Part Number Breakdown
The nomenclature typically follows this structure:
* **EXL:** Series identifier (Metal composite core for high saturation).
* **1V:** Voltage/Material classification code.
* **0503:** Physical dimensions (5.5mm x 5.3mm x 3.0mm).
* **R82:** Inductance value ($0.82 \mu H$).
* **R:** Tolerance or packaging suffix (usually indicates Tape & Reel).
---
### 3. Key Features & Materials
* **Metal Composite Core:** Unlike traditional ferrite inductors, these use a metal powder core. This allows for **soft saturation** characteristics, meaning the inductance drops gradually rather than abruptly when current increases.
* **Magnetic Shielding:** The construction minimizes Electromagnetic Interference (EMI), making it suitable for densely packed circuit boards.
* **Low DCR:** The low DC resistance minimizes power loss through heat, increasing the overall efficiency of the power supply.
---
### 4. Common Applications
This inductor is commonly integrated into the following systems:
1. **Voltage Regulator Modules (VRM):** Used in laptops and desktop motherboards.
2. **Point of Load (POL) Converters:** Distributed power architectures.
3. **DC-DC Step-Down (Buck) Converters:** High-frequency switching power supplies.
4. **Automotive Electronics:** Infotainment and ADAS sensors (if AEC-Q200 qualified).
---
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Are there any equivalent alternative parts from other manufacturers like Coilcraft or Vishay?
- ⤷ How does the 'soft saturation' of a metal composite core benefit a power circuit?