Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • EVSTDRIVEG600DM

  • AI
    The **EVSTDRIVEG600DM** is a high-performance power module evaluation board designed by STMicroelectronics. It is specifically built to demonstrate the capabilities of the **STDRIVEG600** half-bridge gate driver combined with high-voltage GaN (Gallium Nitride) or SiC (Silicon Carbide) power transistors. --- ## 1. Core Technical Specifications The board is engineered for high-frequency switching and high power density. | Feature | Specification | | :--- | :--- | | **Gate Driver IC** | STDRIVEG600 (Half-bridge) | | **Logic Supply (VCC)** | Up to 20V | | **High Side Voltage** | Up to 600V | | **Output Current** | 5.5A Sink / 6A Source | | **Propagation Delay** | < 45 ns | | **Isolation** | Integrated Bootstrap Diode | --- ## 2. Key Electronic Components ### A. The STDRIVEG600 Gate Driver This is the "brain" of the module. It is a high-speed gate driver capable of driving high-side and low-side N-channel MOSFETs or GaN FETs. * **dV/dt Immunity:** It features high immunity against fast voltage transients (up to 200V/ns), which is critical for GaN-based designs. * **Logic Compatibility:** Inputs are compatible with CMOS/TTL logic down to 3.3V, making it easy to interface with Microcontrollers (MCUs). ### B. Power Stage (GaN HEMT) The board typically features **SGT65R65AL** (or similar) GaN-on-Silicon enhancement-mode Power Transistors. * **Advantage:** GaN allows for much higher switching frequencies compared to traditional Silicon, reducing the size of passive components like inductors and capacitors. * **Efficiency:** Extremely low gate charge ($Q_g$) and output capacitance ($C_{oss}$). ### C. Protection Circuitry * **Interlocking:** Prevents both high-side and low-side switches from turning on simultaneously (preventing short circuits/shoot-through). * **UVLO (Under Voltage Lock Out):** Ensures the power switches are not operated at voltages low enough to cause thermal damage. --- ## 3. Applications and Use Cases The EVSTDRIVEG600DM is used as a reference design for: 1. **Micro-inverters:** Converting DC from solar panels to AC. 2. **Server Power Supplies:** High-efficiency AC-DC converters (PFC stages). 3. **Motor Drives:** High-speed industrial motor control. 4. **Telecom Power:** DC-DC conversion for 48V infrastructure. --- ## 4. Simplified Connection Diagram Below is a conceptual representation of the pin-out logic: ```mermaid graph LR PWM_IN -->|Logic Signal| STDRIVEG600 VCC_Supply -->|Bias| STDRIVEG600 STDRIVEG600 -->|Gate Drive| GaN_HighSide STDRIVEG600 -->|Gate Drive| GaN_LowSide Bus_600V --> GaN_HighSide GaN_LowSide --> Ground ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of using GaN over Silicon in this module?
    • ⤷ How does the dV/dt immunity of the STDRIVEG600 prevent circuit failure?
    • ⤷ Can this board be interfaced directly with an STM32 microcontroller?