Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • EVSTDRIVEG600DG

  • AI
    The **EVSTDRIVEG600DG** is a high-performance evaluation board designed by STMicroelectronics. It is specifically engineered to demonstrate the capabilities of the **STDRIVEG600**, a high-speed half-bridge gate driver optimized for driving enhancement-mode GaN (Gallium Nitride) FETs or N-channel Power MOSFETs. --- ## 1. Core Component: STDRIVEG600 The heart of this board is the **STDRIVEG600** gate driver IC. Below are its primary technical specifications: | Feature | Specification | | :--- | :--- | | **Driver Configuration** | Half-Bridge | | **Voltage Rating** | Up to 600V | | **Sink/Source Current** | 6A Sink / 5.5A Source | | **Propagation Delay** | 45 ns (typical) | | **Supply Voltage (Vcc)** | 4.75V to 6.5V | | **Logic Compatibility** | 3.3V to 15V (CMOS/TTL) | --- ## 2. Key Electronic Sections The evaluation board is divided into several functional blocks to ensure high-speed switching and safety. ### A. Power Stage (GaN/MOSFET) The board typically features two power transistors in a half-bridge configuration. * **GaN Compatibility:** It is designed to drive GaN HEMT (High Electron Mobility Transistors) which require very precise gate voltages to avoid damage. * **Kelvin Source Connection:** The layout minimizes parasitic inductance, which is critical for high-frequency switching. ### B. High-Side and Low-Side Drivers * **Integrated Bootstrap:** It includes an internal high-voltage bootstrap diode to power the high-side floating section. * **dVs/dt Immunity:** The driver is designed to be robust against high-speed voltage transients (up to 200V/ns), preventing "false triggering" during fast switching. ### C. Logic and Protection * **Interlocking:** Prevents both high-side and low-side switches from being ON simultaneously (preventing shoot-through). * **UVLO (Under Voltage Lock Out):** Shuts down the output if the supply voltage drops below a safe threshold, specifically tuned for GaN gate requirements. * **Matched Propagation Delay:** Ensures symmetry between the high-side and low-side signals for high-frequency precision. --- ## 3. Physical Layout Features The board's physical design is as important as its components due to the high frequencies involved: * **Logic Input Interface:** Standard pin headers for PWM signals (LIN and HIN). * **Test Points:** Dedicated points to measure $V_{GS}$ (Gate-Source voltage) and $V_{DS}$ (Drain-Source voltage) using high-bandwidth probes. * **Thermal Management:** The board uses a specialized PCB layout (often multi-layer) to dissipate heat from the SGT60R65AL GaN FETs or similar power devices. --- ## 4. Typical Applications The EVSTDRIVEG600DG is used to develop power conversion systems where efficiency and density are critical: 1. **Micro-inverters** for solar panels. 2. **Server Power Supplies** (80 Plus Titanium standards). 3. **EV Charging Stations.** 4. **High-frequency DC-DC converters.** ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using GaN FETs over standard Silicon MOSFETs in this driver?
    • ⤷ How does the 'Interlocking' feature specifically protect the half-bridge circuit?
    • ⤷ What power supply voltage is required to operate the logic side of the EVSTDRIVEG600DG?