EVLSTDRIVEG212
AI

The **EVLSTDRIVEG212** is a demonstration board from STMicroelectronics designed to evaluate the performance of the **STDRIVEG212**, an advanced high-speed gate driver optimized for driving GaN (Gallium Nitride) transistors.
Below is a breakdown of the key electronic components and technical specifications.
### 1. Primary Component: STDRIVEG212
The heart of the board is the **STDRIVEG212** integrated circuit. It is a high-speed half-bridge gate driver designed to handle high-frequency switching.
| Feature | Specification |
| :--- | :--- |
| **Driver Type** | Half-Bridge (High-Side and Low-Side) |
| **Technology** | Optimized for GaN FETs and Logic Level MOSFETs |
| **Voltage Rating** | Up to 100V |
| **Sink/Source Current** | 2.3 A source / 2.3 A sink |
| **Propagation Delay** | Very low (typ. 11 ns) |
| **Integrated Bootstrap** | Yes (Integrated diode/switch) |
---
### 2. Supporting Electronic Circuitry
The evaluation board includes several peripheral sections to ensure stable operation and protection:
* **GaN Transistors:** The board typically comes populated with two GaN power transistors (e.g., SGT100N10FS3 or similar) in a half-bridge configuration.
* **Decoupling Capacitors:** High-quality ceramic capacitors (MLCC) are placed close to the Vcc and Vboot pins to minimize voltage ripples during high-speed switching.
* **Gate Resistors:** SMD resistors (often 0Ω or low-value) are used to tune the turn-on and turn-off speeds of the power transistors to manage EMI and switching losses.
* **Interlocking Mechanism:** The IC includes a cross-conduction prevention (dead-time) feature to ensure the high-side and low-side switches are never "ON" at the same time.
---
### 3. Connection and Control Interface
The board is designed for easy integration into existing power laboratory setups.
| Interface | Description |
| :--- | :--- |
| **PWM Inputs** | Separate inputs for High-side (HIN) and Low-side (LIN) signals. |
| **Power Supply Pins** | Vcc (Driver logic), Vdd (Power stage bus), and GND. |
| **Output Stage** | Middle point of the half-bridge for connecting an inductor or load. |
---
### 4. Typical Applications
The electronic design of the EVLSTDRIVEG212 makes it suitable for high-efficiency power conversion in the following areas:
1. **DC-DC Converters:** Buck, Boost, or LLC topologies.
2. **Class-D Audio Amplifiers:** High-fidelity sound reproduction requiring high switching speeds.
3. **Lidar Drivers:** For autonomous vehicles and industrial sensing.
4. **Wireless Power Transfer:** High-frequency resonant charging.
---
### 5. Schematic Block Diagram (Conceptual)
```mermaid
graph LR
PWM_IN --> STDRIVEG212
VCC(12V) --> STDRIVEG212
STDRIVEG212 --> High_Side_GaN
STDRIVEG212 --> Low_Side_GaN
V_BUS(Up_to_100V) --> High_Side_GaN
Low_Side_GaN --> GND
High_Side_GaN --- Output_Node
Low_Side_GaN --- Output_Node
```
---
- ⤷
What are the specific advantages of using GaN FETs over standard Silicon MOSFETs in this board?
- ⤷ Can the STDRIVEG212 handle voltages higher than 100V for industrial applications?
- ⤷ How do I calculate the optimal gate resistor value for the EVLSTDRIVEG212?