ECM-RPLP-70P
AI

The **ECM-RPLP-70P** is a high-performance, small-form-factor industrial motherboard (3.5-inch Single Board Computer) designed by Avalue Technology. It is built around the **Intel® 13th Generation Core™ Processors** (codenamed Raptor Lake-P).
Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Core Processing & Architecture
The board is designed for edge computing and industrial automation, utilizing the high-efficiency hybrid architecture of 13th Gen Intel chips.
| Component | Specification |
| :--- | :--- |
| **CPU Support** | Intel® 13th Gen Core™ i7/i5/i3 and Celeron® Processors (Raptor Lake-P) |
| **Memory** | 2 x 262-pin DDR5 4800MHz SO-DIMM sockets (Up to 64GB) |
| **BIOS** | AMI EFI |
| **TPM** | Hardware TPM 2.0 integrated for security |
---
### 2. Connectivity and I/O Interface
The "70P" series is characterized by high-speed data throughput and multiple display outputs.
#### Networking & Communication
* **Ethernet:** Usually features dual LAN ports (e.g., Intel® I226-IT 2.5GbE and Intel® I219-LM GbE).
* **Expansion:**
* M.2 Key-E (for WiFi/BT modules).
* M.2 Key-B (for 4G/5G or SATA modules).
* M.2 Key-M (PCIe Gen4 x4 for high-speed NVMe SSDs).
#### Display & Audio
* **Multiple Displays:** Supports up to 4 independent displays.
* **Interfaces:** 2 x HDMI 2.0b, 1 x DP 1.4, and 1 x LVDS or eDP (internal header).
* **Audio:** Realtek ALC888S High Definition Audio codec.
---
### 3. Power and Electrical Characteristics
As an industrial board, it is designed for stability under varying electrical conditions.
| Feature | Details |
| :--- | :--- |
| **Input Voltage** | +12V to +24V DC-in (Wide voltage support) |
| **Power Connector** | 4-pin internal power connector or DC Jack |
| **Operating Temp** | 0°C ~ 60°C (Standard) / -40°C ~ 85°C (Wide Temp options available) |
| **Storage Temp** | -40°C ~ 85°C |
---
### 4. Storage & Peripheral Headers
The board provides several internal headers for industrial integration:
* **SATA:** 1 x SATA III (6Gb/s).
* **USB:** 4 x USB 3.2 Gen 2 (External), 4 x USB 2.0 (Internal headers).
* **Serial Ports:** 2 x COM ports (RS-232/422/485 supported).
* **GPIO:** 16-bit General Purpose I/O.
---
### Summary of Key Advantages
1. **DDR5 Support:** Transitioning to DDR5 provides significantly higher bandwidth and lower power consumption compared to previous generations.
2. **Intel Iris® Xe Graphics:** High-quality integrated graphics suitable for AI inference and medical imaging.
3. **Compact Ruggedness:** The 3.5-inch form factor allows it to fit into tight enclosures for kiosks, digital signage, and robotics.
- ⤷
What are the cooling requirements for the ECM-RPLP-70P under full load?
- ⤷ Does this board support vPro technology for remote management?
- ⤷ What are the compatible OS options for the Raptor Lake-P architecture?