Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • ECM-RPLP-50P

  • AI
    The **ECM-RPLP-50P** is a specific electronic sub-component, typically categorized as a **Terminal Block Connector** or a **Terminal Interface Board**. These parts are primarily used in industrial automation to bridge high-density PLC (Programmable Logic Controller) I/O modules to field wiring. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The ECM-RPLP-50P acts as a passive interface. It translates a dense ribbon cable or proprietary connector into discrete screw terminals. | Feature | Specification | | :--- | :--- | | **Connector Type (Input)** | 50-Pin Header (typically MIL-DTL-83503 compliant) | | **Terminal Type (Output)** | Screw Clamp Terminals / Push-in Terminals | | **Pitch** | 5.0mm (standard terminal spacing) | | **Voltage Rating** | 125V AC / 24V DC (Common industrial levels) | | **Current Rating** | 1A per pin (Total capacity limited by PCB traces) | | **Mounting Style** | DIN Rail (TS-35) | --- ### 2. Electronic Components Breakdown While the board is largely passive, it contains several critical electronic elements: * **PCB (Printed Circuit Board):** A multi-layer (usually 2-layer) FR4 board designed with specific trace widths to handle industrial current without overheating. * **Header Pins:** Gold-plated 50-pin connector to ensure low contact resistance and prevent oxidation in humid industrial environments. * **Protection Circuitry (Optional):** Some versions include **Varistors** or **Flyback Diodes** to protect the PLC from inductive voltage spikes (EMF) when switching motors or solenoids. * **LED Indicators:** Often includes surface-mount LEDs to provide visual feedback for power status or I/O signal activity. --- ### 3. Pin Mapping and Logic The "50P" in the part number signifies **50 Pins**. The electronic layout usually follows a 1:1 mapping: ```text Flat Cable Pin 1 -----> Terminal Block 1 Flat Cable Pin 2 -----> Terminal Block 2 ... Flat Cable Pin 50 -----> Terminal Block 50 ``` This 1:1 mapping is crucial for engineers to ensure that the logic output from a controller (like a Mitsubishi or Omron PLC) reaches the correct field sensor or actuator. --- ### 4. Application Context The ECM-RPLP-50P is electronically designed to reduce "rat's nest" wiring. It is commonly used with: 1. **CNC Machines:** To connect the main controller board to the driver signals. 2. **PLC I/O Expansion:** Connecting high-density cards (which use 40 or 50-pin connectors) to individual field wires. 3. **Testing Rigs:** Providing easy access points for multimeter probes during circuit debugging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity per terminal for the ECM-RPLP-50P?
    • ⤷ Does this model include surge protection or LED status indicators?
    • ⤷ Which PLC brands are most compatible with this 50-pin interface?