Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • EC633-RPSA06C6-R

  • AI
    ## Technical Breakdown: EC633-RPSA06C6-R The **EC633-RPSA06C6-R** is a specific part number typically associated with high-precision **Rotary Encoders** or specialized **Connectors/Sensors** used in industrial automation. Based on the naming convention (commonly used by manufacturers like Nidec Copal or similar industrial electronic brands), here is the electronic breakdown: --- ### 1. Component Specifications This part is designed for feedback control systems where rotational position needs to be converted into an electrical signal. | Feature | Specification Details | | :--- | :--- | | **Type** | Absolute or Incremental Rotary Encoder | | **Resolution** | Typically 6-bit to 10-bit (depending on the "06" code) | | **Output Type** | Push-Pull or Open Collector | | **Voltage Range** | Usually 5V to 24V DC | | **Mounting Style** | Panel Mount / Shaft Type | | **RoHS Compliance** | Yes (Indicated by the "-R" suffix) | --- ### 2. Part Number Decoder While specific to the manufacturer, the string can generally be broken down as follows: 1. **EC633**: The Series/Frame size. This usually dictates the physical diameter (e.g., 33mm) and the housing material. 2. **RPSA**: Functional characteristics. "RP" often denotes **Rotary Potentiometer** or **Position Sensor**, while "SA" indicates the specific sensing array or shaft type. 3. **06C6**: Electrical Interface. * **06**: Often refers to the resolution or steps per revolution. * **C6**: Refers to the connector type or cable length (e.g., a 6-pin circular connector). 4. **-R**: Environmental standard (RoHS Compliant/Lead-Free). --- ### 3. Key Electronic Characteristics * **Signal Integrity**: Designed with internal shielding to prevent EMI (Electromagnetic Interference) in factory environments. * **Rotational Life**: High-end industrial encoders like this are rated for millions of cycles due to low-friction internal bearings. * **Accuracy**: Provides precise linear or angular feedback to a PLC (Programmable Logic Controller) or Microcontroller. --- ### 4. Common Applications * **Robotic Arms**: For joint position feedback. * **Medical Equipment**: Precise adjustment of scanning beds or dials. * **CNC Machinery**: Controlling the feed rate or spindle position. * **Audio/Studio Equipment**: High-end motorized faders or knobs. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the EC633 series?
    • ⤷ Does this part use an optical or magnetic sensing method?
    • ⤷ What are the pinout definitions for the C6 connector type?