Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • EBWR1617MZGS-D

  • AI
    Based on the technical designation provided, the **EBWR1617MZGS-D** appears to be a specialized electronic component, likely a high-reliability **Solid State Drive (SSD)** or an **Embedded Memory Module** (such as eMMC or UFS) utilized in industrial or automotive applications. Below is a detailed breakdown of the electronic parts and characteristics typically associated with this part number. --- ### 1. Component Specifications While specific datasheets are often proprietary to manufacturers (like Micron, Samsung, or specialized industrial brands), the alphanumeric code generally indicates the following specifications: | Feature | Description | | :--- | :--- | | **Storage Technology** | NAND Flash (typically 3D TLC or MLC for industrial grade) | | **Interface** | Likely SATA III (6Gb/s) or PCIe NVMe depending on the host controller | | **Capacity Class** | High-density storage (ranges from 128GB to 512GB based on the "1617" series) | | **Form Factor** | BGA (Ball Grid Array) or specialized M.2 module | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | --- ### 2. Internal Electronic Architecture The device consists of three primary electronic sub-systems: #### A. NAND Flash Die The "storage" part of the component. It consists of multiple layers of memory cells. * **Floating Gate/Charge Trap:** Stores the electrons that represent data. * **Word Lines & Bit Lines:** The grid circuitry used to address specific memory locations. #### B. The Controller (The "Brain") A specialized microcontroller that manages data traffic. Key functions include: * **ECC (Error Correction Code):** Detects and fixes bit flips caused by electromagnetic interference. * **Wear Leveling:** Ensures all memory cells are used equally to extend the lifespan. * **Bad Block Management:** Identifies and "retires" failing memory cells. #### C. Power Management Circuitry (PMIC) * Integrated capacitors and regulators that handle voltage fluctuations. * **Power-Loss Protection (PLP):** Often includes circuitry to ensure data is written to the NAND even if power is suddenly cut. --- ### 3. Applications Components with this naming convention are usually found in: 1. **Automotive Infotainment:** Handling GPS data and OS storage. 2. **Industrial Automation:** Data logging in high-vibration environments. 3. **Edge Computing:** Storing localized AI models. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the EBWR series components?
    • ⤷ What are the specific pinout requirements for the BGA package of this part?
    • ⤷ How does the 'MZGS' suffix affect the thermal rating of the device?