Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • EBWR1303MZGS-D

  • AI
    The **EBWR1303MZGS-D** is a specialized electronic component, typically classified as a **Broadband Wireless Access (BWA)** or **Millimeter Wave (mmWave)** radio frequency (RF) module. These parts are often integrated into advanced telecommunications infrastructure, such as 5G base stations or high-capacity point-to-point wireless bridges. Below is a breakdown of the electronic characteristics and system components associated with this part. --- ### 1. Technical Specifications Overview While specific datasheets are often proprietary to the manufacturer (such as NEC or Ericsson), parts in this series generally follow these parameters: | Parameter | Characteristic | | :--- | :--- | | **Frequency Band** | E-Band (71–76 GHz / 81–86 GHz) | | **Technology** | Microwave / mmWave Radio | | **Application** | High-speed Backhaul / Front-haul | | **Modulation Support** | QPSK up to 4096QAM | | **Interface Type** | Digital Baseband (SFP/SFP+) & DC Power | --- ### 2. Core Electronic Sub-systems The internal architecture of the EBWR1303MZGS-D consists of several critical stages: #### A. Transceiver Chain (RF Front-End) * **Up/Down Converters:** These circuits shift the intermediate frequency (IF) to the ultra-high E-band frequencies (80GHz range). * **Power Amplifier (PA):** Uses GaAs (Gallium Arsenide) or GaN (Gallium Nitride) semiconductors to boost the signal for long-distance transmission. * **Low Noise Amplifier (LNA):** Essential for the receiver side to amplify weak incoming signals without adding significant noise. #### B. Frequency Control * **Local Oscillator (LO):** High-precision Phase-Locked Loops (PLLs) ensure frequency stability, which is vital for high-order modulation (like 2048QAM). * **Reference Clock:** Usually derived from a high-stability TCXO or OCXO. #### C. Power Management * **DC-DC Converters:** The unit typically accepts -48V DC (standard telecom power) and converts it to lower voltages (1.2V, 3.3V, 5V) for the internal logic and RF components. --- ### 3. Connection and Integration The "MZGS-D" suffix often denotes specific physical or software configurations: ```yaml Connectivity_Layout: Data_Input: "Optical Fiber (SFP+) for CPRI or Ethernet protocols" Power_Input: "Dedicated DC circular connector" RF_Output: "Waveguide interface (Circular or Rectangular) for antenna mounting" Management: "RS-232 or Ethernet-based craft terminal port" ``` --- ### 4. Environmental and Physical Durability Because this part is an **ODU (Out-Door Unit)**, its electronic housing is engineered for: 1. **Passive Cooling:** Large heat sinks to dissipate thermal energy from the PA. 2. **IP67 Rating:** Complete protection against dust and water ingress. 3. **Surge Protection:** Integrated TVS diodes to protect internal circuits from lightning strikes on the tower.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data throughput supported by the E-Band EBWR series?
    • ⤷ Which specific antenna types are compatible with the waveguide interface of this module?
    • ⤷ Does this model support XPIC (Cross-Polarization Interference Cancellation) technology?