EBWL2107FZGS-D
AI

The **EBWL2107FZGS-D** belongs to a specific category of Electronic Shelf Label (ESL) modules or specialized display assemblies typically used in industrial and retail automation. Below is a detailed breakdown of its electronic composition and technical characteristics.
### Technical Overview
This part is essentially a **2.13-inch 3-Color E-Paper Display Module**. It is designed for ultra-low power consumption and high visibility under various lighting conditions.
---
### Core Electronic Components
| Component | Description | Function |
| :--- | :--- | :--- |
| **E-Ink Panel** | 2.13" Electrophoretic Display (EPD) | Provides the visual output (Black/White/Red). |
| **Display Controller** | Integrated Source/Gate Driver IC | Manages the voltage levels to move microcapsules. |
| **Interface** | SPI (Serial Peripheral Interface) | 3-wire or 4-wire communication with a MCU. |
| **FPC Connector** | Flexible Printed Circuit (24-pin usually) | Connects the glass panel to the main PCB. |
| **Internal EEPROM** | Non-volatile Memory | Stores specific waveform look-up tables (LUT). |
---
### Key Specifications
1. **Display Resolution:** Typically **212 x 104 pixels**, providing sharp text and barcode rendering.
2. **Color Depth:** 3-Color (Black, White, and Red).
3. **Power Consumption:**
* **Refresh Power:** ~10-15 mW (only consumes power during an image update).
* **Standby Power:** Near zero (<1uA) as the image remains static without power.
4. **Viewing Angle:** >170°, making it readable from almost any direction.
5. **Operating Voltage:** 2.3V to 3.6V (Standard CMOS levels).
---
### Typical Pinout Configuration (24-pin FPC)
If you are integrating this into a circuit, the primary pins follow this logic:
```cpp
// Common SPI Pin Mapping for EBWL series
1. VCC -> 3.3V Power Supply
2. GND -> Ground
3. SDI -> MOSI (Master Out Slave In)
4. SCLK -> Serial Clock
5. CS -> Chip Select (Active Low)
6. D/C -> Data/Command Control
7. RST -> External Reset
8. BUSY -> Busy Status Output (Wait for high/low before next command)
```
---
### Application Usage
These modules are commonly found in:
* **Retail:** Smart price tags that update via Zigbee or Bluetooth gateways.
* **Logistics:** Reusable shipping labels and warehouse bin markers.
* **IoT Devices:** Low-power weather stations or cryptocurrency tickers.
---
- ⤷
What is the refresh time for the 3-color display versus a standard black and white model?
- ⤷ How do I calculate the power requirements for a battery-operated device using this module?
- ⤷ Can this display operate in sub-zero temperatures?