EB412R40
AI

The **EB412R40** is a specific electronic component often categorized within the power electronics or industrial connectivity sectors, typically associated with **surge protection devices (SPDs)** or high-current power distribution blocks, depending on the specific manufacturer (commonly referenced in catalogs like those from ERICO/nVent or similar industrial suppliers).
Below is a breakdown of the electronic and technical characteristics generally associated with this part series.
---
### 1. General Specifications
The part number typically denotes a **Power Distribution Block** or a **Terminal Block** designed for high-density wiring and industrial electrical panels.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Single-pole Power Distribution Block |
| **Mounting Type** | DIN Rail or Panel Mount |
| **Material** | Tinned Copper or Aluminum alloy (Terminal), Halogen-free housing |
| **Safety Standard** | UL Recognized / CSA Certified / CE |
### 2. Electrical Characteristics
These parts are engineered to handle significant electrical loads while maintaining a small footprint.
* **Amperage Rating:** Usually rated for high current (up to 400A or similar, depending on the "40" suffix nomenclature).
* **Voltage Rating:** Typically rated for **600V (UL)** or **1000V (IEC)** applications.
* **Short Circuit Current Rating (SCCR):** High-level protection, often reaching **100kA**, ensuring stability during electrical faults.
### 3. Connection Topology
The EB series is designed to take a large primary feed and distribute it to multiple smaller secondary circuits.
| Connection Side | Quantity | Wire Size Range |
| :--- | :--- | :--- |
| **Primary (Line)** | 1 | Large gauge (e.g., 3/0 AWG - 500 kcmil) |
| **Secondary (Load)** | Multiple (e.g., 4 to 12) | Smaller gauge (e.g., #14 - #2 AWG) |
### 4. Key Physical Features
1. **Compact Design:** Designed to save space in electrical cabinets compared to traditional busbar systems.
2. **IP20 Finger-Safe:** The housing is designed to prevent accidental contact with live parts.
3. **Visual Inspection:** Most versions feature a transparent or removable cover to inspect wire connections without disassembly.
4. **Tinned Contacts:** Allows for the use of both Copper (Cu) and Aluminum (Al) conductors, preventing galvanic corrosion.
---
### Common Applications
* **Industrial Control Panels:** Distributing power from a main breaker to various motor starters or PLCs.
* **Renewable Energy:** Used in solar combiner boxes to aggregate strings.
* **HVAC Systems:** Power distribution for large-scale commercial climate control units.
- ⤷
What is the exact maximum current rating for the EB412R40 model?
- ⤷ Is this component compatible with both aluminum and copper wiring?
- ⤷ Does this model support standard 35mm DIN rail mounting?