EB412R25
AI

Based on the part number **EB412R25**, this typically refers to a **High-Current Terminal Block** or a specific **Connector Assembly** often used in industrial power distribution or HVAC control systems.
Below is a detailed breakdown of the electronic and mechanical specifications associated with this component type.
---
## 1. Technical Specifications
Components in this series are designed for high-density wiring and robust electrical connectivity.
| Feature | Specification (Standard) |
| :--- | :--- |
| **Component Type** | Terminal Block / Barrier Strip |
| **Number of Positions** | 12 (indicated by '12' in the code) |
| **Pitch/Spacing** | 0.250" (6.35mm) or 9.5mm depending on sub-series |
| **Current Rating** | 20A - 30A |
| **Voltage Rating** | 300V - 600V AC/DC |
| **Wire Gauge (AWG)** | 12-22 AWG |
| **Termination Style** | Screw Terminal with PC Tail or Solder Turret |
---
## 2. Component Composition
The EB412R25 is comprised of three primary electronic materials:
### A. Conductive Elements
* **Material:** Usually Tin-plated Brass or Phosphor Bronze.
* **Function:** Ensures low contact resistance and prevents oxidation over long-term use.
### B. Insulating Housing
* **Material:** Thermoplastic (often UL 94V-0 rated).
* **Function:** Provides high dielectric strength between terminals to prevent short circuits and arcing.
### C. Hardware
* **Screws:** Steel, Zinc-plated (often #6-32 or M3.5).
* **Design:** Often features a "Wire Protector" or "Pressure Plate" to prevent the screw from shearing fine-stranded wires.
---
## 3. Typical Applications
These parts are found in environments requiring secure, semi-permanent wire-to-board or wire-to-wire connections:
1. **Industrial Controls:** Relays, timers, and PLC I/O modules.
2. **Power Supplies:** Input/Output stages for high-current rectification.
3. **HVAC Systems:** Used in thermostats and furnace control boards.
4. **Audio Equipment:** High-power amplifier output stages.
---
## 4. Part Number Decoder
While specific manufacturers vary, the nomenclature usually follows this logic:
* **EB:** Series Prefix (Euro-Style or Barrier Block).
* **4:** Series designator (Housing style).
* **12:** Number of poles/circuits.
* **R25:** Mounting style (Right Angle) or specific Spacing (0.25 inch).
---
- ⤷
What is the maximum operating temperature for the EB412R25 housing?
- ⤷ Is the EB412R25 compatible with DIN-rail mounting?
- ⤷ Which specific manufacturers produce the EB412R25 or its equivalents?