Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • E5CC-RX2ABM-800

  • AI
    The **E5CC-RX2ABM-800** is a high-performance digital temperature controller manufactured by Omron. It belongs to the E5CC series, known for its compact design (48x48 mm), high-speed sampling, and high-contrast white LCD display. --- ### 1. Key Technical Specifications The model name "RX2ABM-800" defines the specific electronic hardware configuration: | Component | Specification | Description | | :--- | :--- | :--- | | **Control Output** | Relay Output | SPST-NO, 250 VAC, 3 A (resistive load) | | **Auxiliary Outputs** | 2 Outputs | Relay outputs (common terminal) for alarms or events | | **Power Supply** | 100 to 240 VAC | Wide range AC input (50/60 Hz) | | **Terminal Type** | Screw Terminals | Standard wiring terminals with finger protection | | **Input Sensor Type** | Universal Input | Supports Thermocouples, RTDs, and Analog (V/mA) | | **Sampling Period** | 50 ms | Ultra-fast internal processing speed | --- ### 2. Internal Electronic Architecture The device is composed of several critical electronic stages that work together to maintain thermal stability: #### A. Input Stage (Analog-to-Digital) * **Universal Sensor Interface:** The unit uses a high-resolution A/D converter to translate low-voltage signals from sensors (like a Type K thermocouple or Pt100 RTD) into digital data. * **Cold Junction Compensation:** For thermocouples, the internal electronics measure the terminal temperature to compensate for errors. #### B. Processing Stage (The "Brain") * **PID Microprocessor:** The controller runs a "2-PID" algorithm. This electronics-based logic prevents overshoot while maintaining a fast response to setpoint changes. * **Non-Volatile Memory (EEPROM):** All settings and configurations are stored electronically so they are not lost during power failure. #### C. Output Stage (Switching) * **Electromechanical Relay:** Unlike the "QX" models (which use voltage for SSRs), the "RX" model uses a physical relay. This acts as an electronically controlled switch to open or close the heater circuit. --- ### 3. Connection Pinout (Simplified) Because this is the **RX2** model, the wiring terminals are generally organized as follows: | Terminals | Function | | :--- | :--- | | **1 & 2** | Power Supply (100-240 VAC) | | **3, 4, 5** | Control Output (Relay) | | **8, 9, 10** | Auxiliary Outputs (Alarms) | | **E, F, G (approx)** | Sensor Inputs (Thermocouple/RTD) | --- ### 4. Comparison: Relay (RX) vs. SSR (QX) It is important to understand the electronic limitation of the **Relay Output** in this specific model: * **Durability:** Being a mechanical part, the relay has a finite life (approx. 100,000 operations). * **Cycle Time:** You should set a longer control cycle (e.g., 20 seconds) to prevent the relay from "chattering" and wearing out prematurely.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RX and QX models in terms of heater control?
    • ⤷ How do I wire a K-type thermocouple to the E5CC-RX2ABM-800?
    • ⤷ Can this controller be programmed using software via a USB cable?