Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • DS312

  • AI
    The **DS312** is primarily recognized as a high-precision, low-power digital temperature sensor. It is often used in applications requiring accurate thermal monitoring in a small footprint. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Interface** | I²C (Inter-Integrated Circuit) | | **Supply Voltage (Vcc)** | 2.7V to 5.5V | | **Operating Current** | ~200 µA (Active), <1 µA (Standby) | | **Temperature Range** | -40°C to +125°C | | **Accuracy** | ±0.5°C (Typical) | | **Resolution** | 9-bit to 12-bit (User configurable) | | **Package Type** | SOIC-8 or MSOP-8 | --- ### 2. Functional Components The DS312 contains several internal sub-systems that allow it to function as a standalone digital thermometer: * **Bandgap Temperature Sensor:** The core element that generates a voltage proportional to absolute temperature. * **Delta-Sigma A/D Converter:** Converts the analog voltage from the sensor into a digital value. * **Non-Volatile Registers (EEPROM):** Stores configuration settings and high/low temperature alarm triggers ($T_{HIGH}$ and $T_{LOW}$). * **Digital Logic/I²C Interface:** Handles the communication protocol, allowing a microcontroller (like an Arduino or ESP32) to read the data. --- ### 3. Pin Configuration (Typical 8-pin Layout) | Pin # | Label | Description | |:---:|:---|:---| | 1 | **SDA** | Serial Data I/O (I²C) | | 2 | **SCL** | Serial Clock Input (I²C) | | 3 | **OS** | Over-temperature Shutdown/Interrupt output | | 4 | **GND** | Ground | | 5-7 | **A0, A1, A2** | Address pins (used to set the I²C bus address) | | 8 | **Vcc** | Power Supply (2.7V - 5.5V) | --- ### 4. Implementation Example (C++ Pseudo-code) To read data from a DS312-style sensor using an I²C library: ```cpp #include #define DS312_ADDRESS 0x48 // Default I2C address void setup() { Wire.begin(); Serial.begin(9600); } void loop() { Wire.beginTransmission(DS312_ADDRESS); Wire.write(0x00); // Point to Temperature Register Wire.endTransmission(); Wire.requestFrom(DS312_ADDRESS, 2); if (Wire.available() >= 2) { byte msb = Wire.read(); byte lsb = Wire.read(); float temperature = (msb << 8 | lsb) / 256.0; Serial.print("Current Temp: "); Serial.println(temperature); } delay(1000); } ``` --- ### 5. Common Applications * **Industrial Systems:** Monitoring heat in power supplies or motor controllers. * **Consumer Electronics:** Thermal management in laptops and tablets. * **Environmental Sensing:** Used in HVAC thermostats and weather stations.
    ✨ Follow-up Questions
    • ⤷ How do you change the I2C address using the A0
    • ⤷ A1
    • ⤷ and A2 pins?
    • ⤷ What is the difference between the DS312 and the DS18B20 sensor?
    • ⤷ How does the 'OS' (Over-temperature Shutdown) pin trigger an interrupt?