AI

The **DRQ73-R33-R** is a specific electronic component belonging to the **DRQ series** manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is a high-power, shielded, dual-winding inductor.
---
## 1. Component Overview
The DRQ series are "coupled" inductors, meaning they contain two separate coils wound on a single ferrite core. This allows them to be used as a single inductor, two separate inductors, or as a 1:1 transformer.
### Key Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH (microhenries) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~14.6 A (approximate, varies by wiring) |
| **Saturation Current (Isat)** | ~25.5 A (approximate) |
| **DC Resistance (DCR)** | ~2.5 mΩ (maximum per winding) |
| **Dimensions** | 7.6 x 7.6 x 3.55 mm |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **DRQ:** Dual-winding, Shielded Inductor.
* **73:** Size code (approx. 7.6mm width/length, 3.5mm height).
* **R33:** Inductance value (R = decimal point; R33 = 0.33 µH).
* **R:** RoHS compliant (Lead-free).
---
## 3. Configuration & Wiring
Because this part has **two windings**, it can be configured in four primary ways:
1. **Series Connection:** Used to increase total inductance.
2. **Parallel Connection:** Used to increase current handling capacity while maintaining low inductance.
3. **1:1 Transformer:** Used for SEPIC or Flyback converter topologies.
4. **Common Mode Choke:** Used for filtering electromagnetic interference (EMI).
### Connection Logic
```text
Winding 1: Pins 1 to 2
Winding 2: Pins 4 to 3
(Pin 1 and 4 are usually the start of the windings, marked by dots)
```
---
## 4. Common Applications
* **DC-DC Converters:** Ideal for SEPIC, Cuk, and Zet converters where two inductors are required in a small footprint.
* **Power Supplies:** Used in VRMs (Voltage Regulator Modules) for servers and desktops.
* **Filtering:** High-current battery powered systems and industrial controllers.
* **Automotive:** Often used in infotainment and LED lighting circuits due to its magnetic shielding.
- ⤷
What are the performance differences when connecting the DRQ73-R33-R in series versus parallel?
- ⤷ Can you provide the footprint dimensions for PCB layout design?
- ⤷ How does the saturation current (Isat) change with temperature for this specific inductor?