DRAP124-2R2-R
AI

The **DRAP124-2R2-R** is a high-power, shielded inductor part of the DRAP series manufactured by Eaton (formerly Bussmann/Coiltronics). It is specifically designed for high-power density applications where electromagnetic interference (EMI) must be minimized.
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 14.8 Amperes |
| **Saturation Current (Isat)** | 21.0 Amperes |
| **DC Resistance (DCR)** | 4.3 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature that describes its physical and electrical characteristics:
* **DRAP**: Automotive Grade, High Power Density, Shielded Drum Core Inductor.
* **124**: Refers to the physical dimensions (Approx. 12.5mm x 12.5mm x 4.5mm).
* **2R2**: Represents the inductance value. The "R" acts as a decimal point (2.2 µH).
* **R**: Indicates that the product is RoHS compliant.
---
### 3. Core Features and Benefits
* **Magnetic Shielding:** The inductor is shielded, meaning it contains the magnetic field within the component. This reduces EMI and prevents interference with neighboring components on the PCB.
* **AEC-Q200 Qualified:** This specific series is often used in automotive applications because it meets rigorous stress-test qualifications for temperature and mechanical shock.
* **High Current Handling:** With a saturation current of 21A, it can handle significant power spikes without the inductance dropping off sharply.
* **Low DCR:** The low direct current resistance ensures minimal power loss through heat, increasing the overall efficiency of the power supply.
---
### 4. Common Applications
The DRAP124-2R2-R is typically found in the following circuits:
1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or SEPIC converters.
2. **Automotive Electronics:** Powering infotainment systems, LED lighting modules, and Engine Control Units (ECUs).
3. **Industrial Power Supplies:** Used in battery-powered equipment and high-current distributed power systems.
4. **Computer Hardware:** Voltage Regulator Modules (VRMs) for processors and GPUs.
---
- ⤷
What is the difference between Irms and Isat in this inductor?
- ⤷ Are there smaller footprints available with the same 2.2uH inductance?
- ⤷ What is the recommended solder reflow profile for the DRAP series?