Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • DR10

  • AI
    The term **DR10** in electronics and engineering primarily refers to a specific form factor of **Power Inductors** (specifically SMT Shielded Power Inductors). However, in the hobbyist world, it is also the designation for the **Team Associated DR10**, a popular RC drag racing car. Below is the breakdown of the electronic components for both contexts. --- ## 1. DR10 Series: Shielded Power Inductors In industrial electronics, "DR10" refers to a standard size of surface-mount (SMD) inductors used in power management circuits. ### Specifications Table | Feature | Typical Description | | :--- | :--- | | **Core Material** | Ferrite | | **Shielding** | Magnetically shielded (low EMI) | | **Standard Dimensions** | ~10.5mm x 10.3mm x 5.0mm | | **Typical Inductance** | 0.7µH to 1000µH | | **Applications** | DC-DC Converters, Laptops, LED Drivers | ### Why use DR10 Inductors? * **Efficiency:** They handle high saturation currents with minimal energy loss. * **Low Noise:** The magnetic shielding prevents the inductor from interfering with nearby sensitive components. --- ## 2. Team Associated DR10: RC Electronics If you are referring to the **DR10 Drag Race Car**, the "electronic parts" comprise the Power System and Radio System required to achieve high-speed launches. ### Key Electronic Components | Component | Description | | :--- | :--- | | **ESC (Electronic Speed Controller)** | Usually a brushless, high-amp controller (e.g., Reedy SC600-BL) that regulates power from the battery to the motor. | | **Brushless Motor** | High-KV motors (e.g., 3300KV) designed for instant torque and high RPM. | | **Servo** | Digital, high-torque steering motor used to keep the car straight during a launch. | | **DVC (Dynamic Vehicle Control)** | A specialized receiver with a built-in gyro to help counter-steer automatically if the car slides. | | **LiPo Battery** | Typically 2S or 3S (7.4V - 11.1V) with high "C" ratings for maximum burst current. | --- ## 3. Technical Comparison: Power Handling Whether discussing the component or the RC car, "DR10" systems are built for **Current Management**. ```cpp // Logic for an Electronic Speed Controller (ESC) Safety Check if (batteryVoltage < LOW_VOLTAGE_CUTOFF) { motorPower = 0; signalAlarm(RED_LED); } else if (internalTemp > MAX_TEMP) { reduceCurrent(0.5); // Thermal Throttling } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for a DR10 series inductor?
    • ⤷ How do I program the ESC on a Team Associated DR10?
    • ⤷ What is the difference between DR10 and DR12 inductors?