DFE252012PD-R33M=P2
AI

The **DFE252012PD-R33M=P2** is a surface-mount power inductor manufactured by **Murata Electronics**. It belongs to the DFE series, which utilizes a metal alloy core technology designed for high-efficiency DC-DC conversion in compact electronic devices.
---
## 1. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 16 mΩ (Max) |
| **Rated Current (Isat)** | 6.4 A (Saturation) |
| **Rated Current (Itemp)** | 5.2 A (Temperature Rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Case Size (Metric)** | 2520 (2.5mm x 2.0mm) |
| **Height** | 1.2 mm (Max) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific physical and electrical characteristics:
- **DFE**: Series name (Metal Alloy core, molded type).
- **2520**: Dimensions (Length 2.5mm x Width 2.0mm).
- **12**: Maximum height (1.2mm).
- **PD**: Internal material/structure code.
- **R33**: Inductance value (R33 = 0.33 microhenries).
- **M**: Tolerance (M = ±20%).
- **P2**: Packaging/Tape & Reel specification.
---
## 3. Key Features & Construction
### Metal Alloy Technology
Unlike traditional ferrite inductors, this part uses a **metal alloy powder core**. This provides several advantages:
* **Soft Saturation:** The inductance drops gradually as current increases, preventing sudden circuit failure under high loads.
* **High Current Density:** It can handle higher currents in a smaller footprint compared to ferrite.
* **Low EMI:** The molded construction acts as a natural magnetic shield, reducing electromagnetic interference.
### Compact Profile
With a height of only 1.2mm, it is ideal for "thin" electronics like smartphones, wearables, and tablets where vertical space is limited.
---
## 4. Common Applications
This component is primarily used in **Power Management Integrated Circuits (PMICs)** for:
1. **Mobile Devices:** Smartphones and tablets.
2. **Laptops/PCs:** Localized DC-DC converters (Point of Load).
3. **IoT Modules:** Compact wireless sensors requiring high efficiency.
4. **SSD Drives:** Managing power rails for high-speed memory.
- ⤷
What are the main differences between metal alloy and ferrite inductors?
- ⤷ How does the saturation current (Isat) affect circuit performance?
- ⤷ Can this inductor be used in automotive applications?