DA15SAM1-R3
AI

The **DA15SAM1-R3** is a specific model of a D-Subminiature (D-Sub) connector. It is widely used in electronic hardware for serial data, power supply, and signal interfaces.
---
### ## Technical Specifications
The part number follows a standardized naming convention for D-Sub connectors. Here is the breakdown of its physical and electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Subminiature |
| **Shell Size** | DA (Standard 15-pin shell size) |
| **Number of Positions** | 15 Pins |
| **Gender** | Male (Plug) |
| **Orientation** | Right Angle |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **Termination** | Solder |
| **Contact Material** | Copper Alloy (typically Gold plated over Nickel) |
---
### ### Key Electronic Components
The DA15SAM1-R3 consists of several critical sub-parts that ensure electrical integrity:
1. **Insulator (Dielectric):** Usually made of UL94V-0 rated thermoplastic (like PBT). This prevents short circuits between the 15 pins.
2. **Contacts (Pins):** These are the conductive elements. The "Male" designation means these are solid pins that fit into a female socket. The "R3" designation often refers to a specific lead length or plating thickness variant.
3. **Metal Shell:** Typically steel with tin or zinc plating. It provides EMI/RFI shielding and structural grounding when connected to the chassis.
4. **Boardlocks/Harpoons:** These are the metal tabs on the bottom that hold the connector securely to the PCB before and during the soldering process.
---
### ### Application Use Cases
This specific connector is commonly found in the following electronic environments:
* **Legacy Video:** Used in some older VGA or specialty video transmission hardware.
* **Industrial Controls:** Often used for RS-232, RS-422, or RS-485 communication interfaces in PLC (Programmable Logic Controller) systems.
* **DAQs:** Data acquisition systems where 15 discrete signals need to be routed to a single board-to-cable interface.
* **Power Supplies:** Used as a multi-pin low-voltage power delivery port.
---
### ### Electrical Ratings (Typical)
* **Current Rating:** ~3A to 5A per contact.
* **Voltage Rating:** 250V AC/DC.
* **Dielectric Withstanding Voltage:** 1000V AC for 1 minute.
* **Insulation Resistance:** 5000 Megohms minimum.
- ⤷
What is the difference between the DA15SAM1-R3 and a standard DB15 connector?
- ⤷ What are the recommended PCB hole diameters for mounting this connector?
- ⤷ Are there specific environmental ratings like IP67 available for this model?