Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • D2000-9NETP

  • AI
    The **D2000-9NETP** is an industrial-grade networking and automation component, typically associated with distributed control systems (DCS) and industrial communication protocols. It is frequently identified as a **DNP3/Ethernet Communication Gateway** or a specialized interface module for power utility and industrial automation environments. ### 1. Key Electronic Specifications The internal architecture is designed for high reliability in electromagnetically noisy environments. | Feature | Specification | | :--- | :--- | | **Main Processor** | High-speed RISC or ARM-based microcontroller | | **Input Voltage** | Typically 24V DC (Industrial standard) | | **Connectivity** | 10/100 Mbps Ethernet port + Serial (RS-232/485) | | **Protocol Support** | DNP3 (Serial/IP), Modbus TCP/RTU, IEC 60870-5-104 | | **Isolation** | Optical isolation for serial ports to prevent ground loops | | **Mounting** | Standard DIN-Rail mounting | --- ### 2. Functional Electronic Components The device consists of several critical electronic sub-systems: #### A. Communication Controllers * **Ethernet PHY/MAC:** Handles the physical layer of the network connection, ensuring stable data transmission over long cable runs. * **UART Transceivers:** Used for serial communication, converting logic-level signals to RS-485 or RS-232 levels. #### B. Power Management Circuitry * **DC-DC Converters:** Steps down the industrial 24V input to 3.3V or 5V required by the internal ICs. * **Surge Protection:** Includes TVS (Transient Voltage Suppressor) diodes and MOVs to protect the sensitive electronics from power spikes common in industrial grids. #### C. Memory Units * **Flash Memory:** Stores the firmware, configuration files, and mapping tables. * **SRAM/SDRAM:** Used for real-time data buffering and protocol stack processing to ensure low-latency communication. --- ### 3. Application Context The D2000-9NETP acts as a "translator" between different parts of a factory or utility plant: 1. **Protocol Conversion:** It takes data from legacy serial devices (like old meters) and converts it into Ethernet-based packets. 2. **Data Concentrator:** It gathers signals from multiple sensors and sends them to a Central SCADA system. 3. **Isolation Barrier:** It protects the main control network from electrical faults occurring on the field-side wiring.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the RS-485 port on this module?
    • ⤷ How do I update the firmware on the D2000-9NETP?
    • ⤷ What is the operating temperature range for this specific electronic part?