CTX0.47-2P-R
AI

The **CTX0.47-2P-R** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management circuits. It belongs to the **OCTA-PAC® PLUS** series manufactured by Eaton (formerly Cooper Bussmann/Coiltronics).
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical properties:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.6 mΩ (per winding) |
| **Isat (Saturation Current)** | ~22 - 30 Amperes |
| **Irms (Heating Current)** | ~14.5 Amperes |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | Size 2P (approx. 11.4 x 11.4 x 6.0 mm) |
---
### 2. Key Features and Design
The "2P" designation indicates that this is a **dual-winding** inductor, which provides significant versatility in circuit design.
* **Dual Winding:** It contains two separate coils on a single core. These can be connected in:
* **Series:** To increase inductance.
* **Parallel:** To increase current handling capacity.
* **Transformer mode:** Used as a 1:1 coupled inductor for SEPIC or Flyback topologies.
* **High Power Density:** The OCTA-PAC® PLUS series uses a high-grade E-core ferrite material that offers low core losses at high frequencies.
* **Shielding:** It is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and compliant with environmental regulations.
---
### 3. Common Applications
Due to its high current rating and dual-winding flexibility, the CTX0.47-2P-R is typically found in:
1. **SEPIC Converters:** Used as a coupled inductor to maintain energy flow in both input and output stages.
2. **Multi-phase Buck Converters:** Used in high-current VRMs (Voltage Regulator Modules) for CPUs and GPUs.
3. **Battery Powered Systems:** Ideal for high-efficiency power supplies in portable equipment.
4. **Solar Inverters:** Used in small-scale power optimization and DC-DC conversion.
---
### 4. Part Number Breakdown
* **CTX:** Series Name (Coiltronics/Eaton).
* **0.47:** Inductance value in microhenries (µH).
* **2P:** Case Size and Power rating (Plus series).
* **R:** RoHS Compliant.
- ⤷What is the difference between connecting the windings in series vs parallel for this inductor?
- ⤷ Can this inductor be used in a 1:1 transformer application?
- ⤷ What are the recommended soldering profiles for the CTX series?