Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • CRO2170B

  • AI
    The **CRO2170B** is a high-performance **Voltage Controlled Oscillator (VCO)** manufactured by Z-Communications. It is widely used in radio frequency (RF) and microwave applications for generating stable signals at specific frequencies. --- ## 1. Core Technical Specifications The CRO2170B is known for its narrow-band operation and low phase noise. Below are the key electrical characteristics: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 2170 to 2170 MHz (Fixed/Narrow) | | **Tuning Voltage** | 0.5 to 4.5 Vdc | | **Phase Noise (@ 10 kHz)** | -110 dBc/Hz | | **Output Power** | 3 ± 3 dBm | | **Supply Voltage (Vcc)** | 5 Vdc | | **Supply Current (Icc)** | 25 mA (Typical) | | **Operating Temperature** | -40°C to 85°C | --- ## 2. Electronic Component Architecture The device is a complex RF module integrated into a small surface-mount package. Its internal circuitry consists of several critical sections: ### A. The Resonator (Coaxial Resonator) The "CRO" in the part number stands for **Coaxial Resonator Oscillator**. * **Function:** Unlike standard LC (Inductor-Capacitor) oscillators, it uses a ceramic coaxial resonator. * **Benefit:** This provides a significantly higher "Q factor," resulting in superior frequency stability and much lower phase noise compared to standard VCOs. ### B. The Varactor Diode * **Function:** Acts as a variable capacitor. * **Mechanism:** When the tuning voltage is applied, the capacitance of the varactor changes, which shifts the resonant frequency of the coaxial resonator, allowing for fine-tuning of the 2170 MHz signal. ### C. Active Transistor Stage * **Function:** Provides the necessary gain to sustain oscillation. * **Mechanism:** Typically utilizes a low-noise Bipolar Junction Transistor (BJT) or Heterojunction Bipolar Transistor (HBT) biased to operate in the S-band frequency range. ### D. Buffer Amplifier * **Function:** Isolates the oscillator from the output load. * **Benefit:** This prevents "frequency pulling," where changes in the external load impedance might shift the oscillator's frequency. --- ## 3. Physical Interface and Pinout The CRO2170B typically comes in a **MINI-16-LOW** package. The essential pins for operation are: 1. **Vt (Tuning Voltage):** The input signal that controls the frequency. 2. **Vcc (Supply Voltage):** The 5V DC power source. 3. **RF Out:** The high-frequency signal output. 4. **GND:** Common ground for both DC and RF signals. --- ## 4. Typical Applications Due to its fixed frequency at 2170 MHz, this component is specifically designed for: * **WCDMA / UMTS Base Stations:** Used in the downlink frequency bands. * **Satellite Communications:** Local oscillator (LO) for frequency conversion. * **Point-to-Point Radio:** High-stability signal source for microwave links.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a CRO and a standard VCO in terms of phase noise?
    • ⤷ How does frequency pulling affect the performance of the CRO2170B?
    • ⤷ What are the recommended decoupling capacitors for the Vcc pin of this device?