AI

The **CRISTALLO 2.3** is a professional-grade automated espresso machine (often associated with the Rheavendors / Saeco professional lines). Its electronic architecture is designed to handle complex brewing cycles, ingredient mixing, and user interface interactions simultaneously.
---
### 1. Main Control Architecture
The machine relies on a centralized electronic control system that manages the logic for all peripheral components.
| Component | Function |
| :--- | :--- |
| **Main CPU Board** | The "brain" of the machine. It processes input from the keypad and coordinates the timing of motors and valves. |
| **Power Supply Unit (PSU)** | Converts mains voltage (230V/110V) to low voltage DC (5V, 12V, 24V) for the sensors and logic circuits. |
| **EEPROM / Flash Memory** | Stores recipe configurations, pricing data, and machine statistics. |
### 2. Key Electronic Modules
#### A. The Interface & Display
* **LCD/LED Display:** Provides real-time feedback to the user and displays the technician's programming menu.
* **Keypad Matrix:** A capacitive or tactile membrane connected to the CPU that registers drink selections.
#### B. Actuators and Drivers
* **Triac/Relay Board:** Since the CPU operates on low voltage, it uses high-power electronic switches (Triacs or Relays) to turn on the boiler heating element, the pump, and the grinder motor.
* **Doser Solenoids:** Electronic magnets that open and close to dispense specific amounts of instant powder or coffee beans.
#### C. Sensors (The Feedback Loop)
The CRISTALLO 2.3 uses several electronic sensors to ensure safety and precision:
* **NTC Thermistor:** Measures the water temperature in the boiler and sends data to the CPU to maintain thermal stability.
* **Flow Meter (Volumetric Sensor):** A hall-effect sensor that counts pulses as water passes through, allowing the electronics to stop the pump once the correct volume is reached.
* **Microswitches:** Used to detect the position of the brewing unit and to ensure the waste bin or water tank is present.
### 3. Communication Protocols
The machine typically supports standard vending protocols to allow for payment integration:
* **MDB (Multi-Drop Bus):** The primary electronic interface used to connect coin mechanisms, bill validators, or credit card readers.
* **Executive / Protocol A:** Older serial communication standards used in specific regional markets.
---
### Technical Specification Overview
```markdown
- Voltage: 230V AC / 50Hz (Standard)
- Logic Voltage: 24V DC (Motors/Valves)
- Communication: MDB / RS232
- Protection: Thermal fuses on Boiler and Grinder
```
- ⤷
How do I access the programming menu on a Cristallo 2.3?
- ⤷ What are the common error codes related to the electronic board?
- ⤷ Can I upgrade the firmware on the Cristallo 2.3 CPU?