Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • CPCI-R6501D

  • AI
    The **CPCI-R6501D** is a specialized Rear Transition Module (RTM) designed for use in CompactPCI (cPCI) systems. Its primary function is to extend the I/O capabilities of a front-loading CPU board (typically a 6U form factor) to the rear of the chassis, simplifying cable management and maintenance. Below is an explanation of its key electronic components and technical specifications. --- ## 1. Core Technical Specifications The CPCI-R6501D acts as a bridge for high-speed signals originating from the system's backplane. | Feature | Specification | | :--- | :--- | | **Form Factor** | 6U CompactPCI Rear Transition Module | | **Compatibility** | Typically paired with ADLINK or similar 6U cPCI CPU boards | | **Bus Interface** | PICMG 2.0 / PICMG 2.3 compliant | | **I/O Access** | Rear-panel access for networking, storage, and peripherals | --- ## 2. Key Electronic Interfaces & Connectors The "Electronic Parts" of this module are essentially high-density connectors and signal conditioning components. ### A. Network Interfaces * **Dual Gigabit Ethernet:** Usually features two RJ-45 ports. These are routed from the front CPU via the backplane J3/J5 connectors. * **Magnetics:** Includes onboard isolation transformers (magnetics) to protect the signals from EMI and voltage spikes. ### B. Storage & Data Transfer * **SATA Connectors:** Provides internal or external Serial ATA ports for connecting hard drives or SSDs. * **USB Ports:** Standard USB 2.0 or 3.0 Type-A headers for peripheral connectivity. ### C. Serial & Management * **COM Ports:** RS-232/422/485 interfaces, often using DB-9 or headers. * **IPMI/Management:** Pins for system management signals to monitor board health (voltage, temperature). ### D. Video Output * **VGA/DVI:** Depending on the specific revision, it may include a VGA port to output video signals generated by the front-side processor. --- ## 3. Circuitry and Passive Components Unlike a CPU board, an RTM like the R6501D is largely **passive or semi-passive**, meaning it focuses on signal routing rather than high-level processing. * **Signal Buffers/Re-drivers:** Used to maintain signal integrity over the distance from the backplane to the rear I/O ports. * **Power Filtering:** Includes capacitors (Tantalum or Ceramic) and Ferrite beads to filter noise from the power rails supplied by the backplane. * **EEPROM:** A small memory chip often stores board identification data (FRU information) so the system can recognize the RTM. --- ## 4. Physical Layout The board is designed with a **High-Density Backplane Connector** (typically HM connectors) on one side and standard I/O ports on the faceplate. This allows "Hot Swapping" in many configurations, provided the system software supports it.
    ✨ Follow-up Questions
    • ⤷ Which specific ADLINK CPU boards are compatible with the CPCI-R6501D?
    • ⤷ Does the CPCI-R6501D support hot-swapping during system operation?
    • ⤷ What are the pinout differences between the J3 and J5 connectors on this RTM?