Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • CPCI-R6500

  • AI
    The **CPCI-R6500** is a high-performance Rear Transition Module (RTM) designed to complement CompactPCI (CPCI) processor boards. Its primary function is to provide extensive I/O expansion through the rear of a chassis, facilitating cable management and hot-swappable configurations. --- ### 1. Key Electronic Components and Architecture The electronic design of the CPCI-R6500 focuses on high-speed signal integrity and industrial-grade reliability. | Component | Description | | :--- | :--- | | **Interface Connectors** | Typically features high-density J3/J5 connectors for signal routing from the front processor. | | **Ethernet Controllers** | Often equipped with dual or quad Gigabit Ethernet ports (RJ-45 or M12) for network redundancy. | | **Storage Interfaces** | Includes SATA connectors or M.2 slots for localized SSD storage. | | **Serial Communication** | Integrated UARTs supporting RS-232/422/485 protocols via D-Sub connectors. | | **USB Controllers** | High-speed USB 2.0/3.0 ports for peripheral connectivity. | | **Graphics Output** | Usually includes VGA or DisplayPort headers for system monitoring. | --- ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | 6U CompactPCI (CPCI) Rear Transition Module | | **Standard Compliance** | PICMG 2.0 (CompactPCI), PICMG 2.3 (PMC I/O) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Power Supply** | Sourced from the front-side host via the backplane | | **Hot Swap** | Supported (compliant with PICMG 2.1) | --- ### 3. Electronic Design Features #### A. Signal Routing and Integrity The PCB layout of the CPCI-R6500 is engineered with differential pair routing to minimize EMI (Electromagnetic Interference) and crosstalk. This is critical for high-speed data transmission over the backplane. #### B. Power Management While the RTM draws power from the front-blade processor, it contains localized voltage regulation and filtering capacitors to ensure stable power delivery to onboard peripherals like USB devices and SSDs. #### C. Connectivity Layout Typical I/O available on the rear panel includes: * **Networking:** 2x 10/100/1000Base-T ports. * **Video:** 1x VGA (DB-15). * **Data:** 2x USB 3.0 Type-A. * **Legacy:** 2x COM ports (RJ-45 or DB-9). --- ### 4. Implementation Example When paired with a 6U CPU board, the electronic handshake occurs through the backplane as follows: ```mermaid graph LR A[Front CPU Board] -- J3/J4/J5 Signals --> B[CPCI Backplane] B -- Signals --> C[CPCI-R6500 RTM] C --> D[External Peripherals/Network] ```
    ✨ Follow-up Questions
    • ⤷What are the compatible front-side processor boards for the CPCI-R6500?
    • ⤷ Does the CPCI-R6500 support hardware RAID for its SATA interfaces?
    • ⤷ How is the thermal management handled on this specific RTM?