CK45-R3FD33
AI

The **CK45-R3FD331K** is a high-voltage ceramic disc capacitor manufactured by TDK. It is specifically designed for use in power supply circuits where high reliability and durability under high voltage are required.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Part Number** | CK45-R3FD331K |
| **Capacitance** | 330 pF (Picofarads) |
| **Tolerance** | ±10% (K) |
| **Rated Voltage** | 3000V DC (3kV) |
| **Dielectric Material** | R (Class II - High Dielectric Constant) |
| **Operating Temperature** | -25°C to +125°C |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Coating** | Flame-retardant epoxy resin (UL94V-0) |
---
### 2. Breakdown of the Part Number
The part number follows TDK's standardized coding system:
* **CK45**: Series name (High Voltage Ceramic Capacitors).
* **R**: Temperature characteristics (indicates capacitance change over temperature range).
* **3F**: Rated Voltage code (3F represents 3000V DC).
* **D**: Lead shape/spacing (typically denotes radial lead configuration).
* **331**: Capacitance value. The first two digits (33) are significant figures; the third digit (1) is the multiplier ($10^1$). $33 \times 10 = 330$ pF.
* **K**: Tolerance code (±10%).
---
### 3. Key Electronic Characteristics
* **High Voltage Resistance:** Designed to withstand high surges, making it ideal for the primary side of switching power supplies.
* **Insulation Resistance:** Maintains very high resistance at rated voltage to prevent leakage current.
* **Durability:** The Class II dielectric provides a balance between high capacitance density and stability, though it is more sensitive to temperature and voltage fluctuations than Class I (C0G/NP0) capacitors.
---
### 4. Common Applications
Due to its 3kV rating, this component is commonly found in:
1. **Switching Power Supplies (SMPS):** Used for snubber circuits and noise filtering.
2. **Inverters:** High-voltage DC filtering.
3. **Displays (CRT/LCD Backlights):** High-voltage ballast and resonance circuits.
4. **Lighting:** Electronic ballasts for fluorescent or HID lamps.
- ⤷
What is the difference between Class I and Class II ceramic capacitors in high voltage applications?
- ⤷ How do I calculate the ripple current limit for the CK45 series?
- ⤷ Are there surface-mount (SMD) equivalents for 3kV ceramic capacitors?