Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • CBS502405-R

  • AI
    The **CBS502405-R** is a high-performance DC-DC converter manufactured by **Cosel**, designed for industrial and telecommunications applications. It belongs to the CBS Series, which is known for its "Half-Brick" form factor and high efficiency. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 36V DC (24V Nominal) | | **Output Voltage** | 5V DC | | **Output Current** | 10A | | **Power Rating** | 50 Watts | | **Efficiency** | Approx. 83% - 86% | | **Isolation Voltage** | 1,500V AC (Input to Output) | | **Form Factor** | Half-Brick (approx. 57.9 x 12.7 x 61.0 mm) | --- ### 2. Meaning of the Part Number (Decoding) To understand the internal electronic logic, the part number can be broken down: * **CBS**: Series Name (Cosel Board Mount Baseplate Type). * **50**: Output Power (50 Watts). * **24**: Nominal Input Voltage (24V). * **05**: Output Voltage (5V). * **-R**: Suffix indicating **Remote ON/OFF** (Negative Logic). --- ### 3. Core Electronic Features #### A. Power Conversion & Regulation The unit utilizes a high-frequency switching topology. It converts a wide-range DC input into a tightly regulated 5V output using internal PWM (Pulse Width Modulation) control. #### B. Remote Sensing & Adjustment * **Remote Sensing:** Compensates for voltage drops across the wiring between the converter and the load. * **Output Voltage Trimming:** Allows the user to adjust the output voltage slightly (typically $\pm10\%$) using an external resistor. #### C. Protection Circuitry The device includes several built-in electronic safeguards: 1. **Overcurrent Protection (OCP):** Automatically recovers when the fault condition is removed. 2. **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds safety limits. 3. **Thermal Protection:** Monitors the baseplate temperature to prevent damage from overheating. #### D. The "-R" Suffix (Control Logic) The "R" indicates **Negative Logic for Remote ON/OFF**: * **Low (0-0.8V) or Short:** The output is **ON**. * **High (Open):** The output is **OFF**. --- ### 4. Physical Construction The electronics are housed in a plastic case with an **Aluminum Baseplate**. Because it is a high-power density component, it requires external cooling (either via a heatsink or being mounted to a metal chassis) to dissipate heat generated during the DC-DC conversion process.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the external resistor value for voltage trimming?
    • ⤷ What are the recommended thermal management techniques for this specific module?
    • ⤷ What is the difference between positive and negative logic in the CBS series?