CA-RSPNFBA004
AI

## Technical Overview of CA-RSPNFBA004
The **CA-RSPNFBA004** is a specialized RF (Radio Frequency) coaxial cable assembly. It is primarily used to bridge connections between cellular devices (like gateways or boosters) and external antennas.
### 1. Component Breakdown
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Connector A** | RP-SMA Plug (Male) | Reverse Polarity SMA. Common in Wi-Fi and specialized cellular equipment. |
| **Connector B** | N-Type Female | A rugged, threaded, weatherproof connector used for outdoor antennas. |
| **Cable Type** | LMR-195 (or equivalent) | A low-loss flexible communications coaxial cable. |
| **Length** | 4 Feet | Standard short-run length to minimize signal attenuation. |
---
### 2. Electronic Characteristics
The performance of this part is defined by its ability to transmit high-frequency signals with minimal interference.
#### Impedance
* **50 Ohms:** This is the standard impedance for RF communications. It ensures maximum power transfer and minimum signal reflection between the device and the antenna.
#### Frequency Range
* Typically rated for **DC to 6 GHz**. This covers most commercial wireless bands, including:
* 4G LTE / 5G Sub-6 GHz
* Wi-Fi (2.4 GHz and 5 GHz)
* LoRaWAN / Helium Network (915 MHz)
#### Signal Loss (Attenuation)
The LMR-195 cable inside this assembly has specific loss profiles. At 4 feet, the loss is negligible but measurable:
* **900 MHz:** ~0.4 dB loss
* **2500 MHz:** ~0.7 dB loss
* **5800 MHz:** ~1.1 dB loss
---
### 3. Physical Construction
The "electronic" integrity of the cable is protected by its physical layers:
1. **Center Conductor:** Usually Solid Bare Copper or Copper Clad Aluminum (CCA). This carries the actual electrical signal.
2. **Dielectric:** Foam Polyethylene (PE). This acts as an insulator and maintains the spacing between the conductor and shield to ensure 50 Ohm impedance.
3. **Shielding:** Double shielded (Aluminum foil + Tinned Copper Braid). This prevents **EMI (Electromagnetic Interference)** from leaking out or entering the signal path.
4. **Jacket:** Black PE or PVC. Provides UV protection and physical durability.
---
### 4. Common Applications
* **Helium Miners / LoRa Nodes:** Connecting a hotspot (RP-SMA) to a large outdoor fiberglass antenna (N-Type).
* **Industrial Modems:** Linking a Cradlepoint or Sierra Wireless gateway to an external rooftop antenna.
* **Wi-Fi Bridging:** Extending Wi-Fi signals using high-gain directional antennas.
- ⤷
What is the difference between SMA and RP-SMA connectors in this context?
- ⤷ How does cable length affect the signal strength of the CA-RSPNFBA004?
- ⤷ Can this cable be used for outdoor installations without additional weatherproofing?