CA-RSPNFBA002
AI

The **CA-RSPNFBA002** is a specialized RF (Radio Frequency) cable assembly typically used in telecommunications and industrial wireless applications. It is designed to bridge the gap between internal radio modules and external antennas.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers like **L-com** or **MilesTek**. Below are the core electronic and physical attributes:
| Feature | Specification |
| :--- | :--- |
| **Connector A** | RP-SMA Plug (Reverse Polarity SMA Male) |
| **Connector B** | N-Female Bulkhead (Includes O-ring/Nut) |
| **Cable Type** | 195-series Coaxial (Low Loss) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Frequency Range** | DC to 6 GHz |
| **Body Material** | Nickel-Plated Brass |
---
## 2. Key Electronic Components
### A. Connector A: RP-SMA Plug
* **Reverse Polarity:** Unlike a standard SMA, the RP-SMA plug has a female center socket. This is a regulatory standard often used in Wi-Fi equipment to prevent users from connecting high-gain antennas to consumer-grade routers.
* **Interface:** Threaded coupling mechanism ensuring low VSWR (Voltage Standing Wave Ratio).
### B. Connector B: N-Female Bulkhead
* **Bulkhead Design:** Includes a long threaded body and hardware (nut and washer) designed to be mounted through a hole in an enclosure.
* **Ingress Protection:** Usually features an O-ring seal to prevent moisture from entering the electronic housing.
### C. The Coaxial Medium (195-Series)
* **Conductor:** Solid or stranded center conductor for signal transmission.
* **Dielectric:** High-grade polyethylene for insulation.
* **Shielding:** Double-shielded (typically Foil + Tinned Copper Braid) to prevent EMI/RFI interference and ensure signal integrity.
---
## 3. Typical Application Use Case
This part is primarily used in **Outdoor Wireless Enclosure Kits**.
1. **Internal Connection:** The **RP-SMA** end plugs into a Wi-Fi card or radio module inside a weather-proof box.
2. **External Interface:** The **N-Female Bulkhead** is mounted through the wall of the box.
3. **Antenna Connection:** A high-gain outdoor antenna (with an N-Male connector) is then screwed onto the outside of the box.
---
## 4. Signal Loss Considerations
Because this is a **195-series** cable, it is "low loss" compared to standard RG-174, but it still attenuates signal based on length. At **2.4 GHz**, you can expect approximately **0.18 dB loss per foot**.
- ⤷
What is the difference between SMA and RP-SMA connectors in this assembly?
- ⤷ Can this cable be used for 5G or Wi-Fi 6 applications?
- ⤷ How does the 'Bulkhead' feature affect the installation process?