C0805H393DGGAETU
AI

The part number **C0805H393DGGAETU** refers to a high-reliability, high-temperature ceramic capacitor manufactured by **KEMET**. This component is specifically designed for harsh environments, such as automotive or industrial power electronics.
---
### 1. Part Number Breakdown
The KEMET part numbering system provides specific details about the component's physical and electrical characteristics:
| Code Segment | Description | Value |
| :--- | :--- | :--- |
| **C** | Series | Standard Ceramic |
| **0805** | Case Size | 0805 (2.0mm x 1.25mm) |
| **H** | High Temperature | 200°C Max Operating Temp |
| **393** | Capacitance | 39,000 pF (39 nF) |
| **D** | Capacitance Tolerance | ± 0.5 pF (Note: Often implies precision) |
| **G** | Voltage Rating | 2000 V (2 kV) |
| **G** | Dielectric | C0G (NP0) - Ultra stable |
| **A** | Failure Rate | N/A (Standard) |
| **E** | Termination | Gold (Au) - For high temp/wire bonding |
| **T** | Packaging | 7" Reel |
| **U** | Quality Grade | Automotive (AEC-Q200) |
---
### 2. Key Technical Specifications
This capacitor is notable for its **C0G dielectric** combined with a **high voltage** rating.
* **Capacitance:** 39 nF (0.039 µF).
* **Voltage DC:** 2000 VDC (2 kV).
* **Operating Temperature Range:** -55°C to +200°C (Extended range).
* **Dielectric (C0G):** These capacitors are "Class I" materials. They do not show any change in capacitance with respect to time and voltage, and have a negligible change in capacitance with reference to ambient temperature.
* **Termination:** The **Gold (Au)** finish is used to prevent oxidation at extreme temperatures and is often preferred for conductive epoxy attachment or specific soldering requirements in high-reliability sectors.
---
### 3. Common Applications
Due to its high voltage rating and extreme temperature tolerance, this part is typically used in:
1. **Downhole Exploration:** Oil and gas drilling equipment where ambient temperatures exceed 175°C.
2. **Automotive Power Electronics:** Inverters and charging systems for EVs.
3. **Aerospace & Defense:** High-voltage power supplies and engine control units.
4. **Snubber Circuits:** Protecting semiconductors from high-voltage spikes.
---
### 4. Comparison: C0G vs. X7R
| Feature | C0G (This Part) | X7R (Standard) |
| :--- | :--- | :--- |
| **Stability** | Extremely High (0 ppm/°C) | Moderate (±15%) |
| **Aging** | None | 1% per decade hour |
| **Piezoelectric Noise** | Zero | Present |
| **Efficiency** | High (Low ESR/ESL) | Lower |
- ⤷
What are the specific soldering requirements for gold-terminated capacitors like this one?
- ⤷ Are there alternative case sizes for a 39nF 2kV capacitor if 0805 is too small?
- ⤷ How does the 200°C rating affect the expected lifespan of the component?