Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • BY01AF2CWCMB22

  • AI
    The part number **BY01AF2CWCMB22** refers to a specific configuration of a high-performance **Micro-Motor** or **Actuator**, often associated with precision vibration components or specialized fan assemblies used in consumer electronics. --- ### 1. Component Identification Based on the nomenclature typical for this series (often manufactured by companies like **Nidec** or **Minebea**), here is the breakdown of the electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Brushless DC (BLDC) Motor / Micro-Actuator | | **Input Voltage** | Typically 3.3V to 5V DC | | **Drive Method** | Electronic Commutation (Integrated Driver) | | **Mounting Style** | Surface Mount (SMT) or Lead Wire | | **Application** | Haptic feedback, precision cooling, or optical stabilization | --- ### 2. Key Electronic Parts & Functionality The device consists of several internal electronic and electromechanical sub-assemblies: #### A. Stator and Windings The "heart" of the component consists of copper wire windings. * **Function:** When current passes through these coils, it generates a magnetic field. * **Electronics Detail:** These are usually 3-phase windings in BLDC models to ensure smooth rotation or linear oscillation without the wear of carbon brushes. #### B. Integrated Circuit (IC) Driver Modern versions of these parts (like the BY-series) often include a tiny **Controller IC** inside the housing. * **Control:** It manages the timing of the pulses to the windings. * **Protection:** Includes over-current protection and thermal shutdown to prevent the motor from burning out if stalled. #### C. Permanent Magnet Rotor * **Material:** Usually Neodymium (NdFeB). * **Function:** Interacts with the stator's electromagnetic field to create motion (torque). #### D. FPC (Flexible Printed Circuit) * **Connectivity:** The "CMB" suffix often indicates a specific Connector or Flex Cable interface. * **Design:** Allows for high-density integration in slim devices like smartphones or high-end laptops. --- ### 3. Usage Context This specific part is engineered for environments where **low noise** and **high reliability** are required. * **PWM Control:** The speed or vibration intensity is typically controlled via Pulse Width Modulation (PWM). * **Feedback Loop:** Some variants include a Hall Effect sensor to provide position or speed data back to the main CPU. ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the BY01AF2CWCMB22 part?
    • ⤷ How do I interface this motor with an Arduino or microcontroller?
    • ⤷ Can this part be used for haptic feedback in mobile devices?