Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • BY011U2CWCNQ22

  • AI
    Based on the part number **BY011U2CWCNQ22**, this component belongs to the **C&K (now part of Littelfuse)** line of high-quality key switches, specifically the **BY series**. These are commonly used in instrumentation, industrial controls, and medical devices. ### 1. Part Number Breakdown The following table explains the technical specifications based on the C&K naming convention for this series: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | **BY** | High-performance key switch series | | **Actuator** | **011** | Standard round plunger / button style | | **Circuitry** | **U2** | Double Pole, Single Throw (DPST) | | **Function** | **CW** | Constant contact / On-Off functionality | | **Terminal** | **C** | PC Thru-hole pins (for PCB mounting) | | **Contact Material** | **N** | Silver contacts (Standard power ratings) | | **Housing Color** | **Q22** | Specific mechanical housing/bezel variant | --- ### 2. Technical Specifications These switches are designed for durability and a distinct tactile feel. Key electrical characteristics typically include: * **Electrical Life:** Often rated for 10,000 to 50,000 cycles depending on load. * **Contact Rating:** Usually 4 Amps @ 125V AC or 28V DC; 2 Amps @ 250V AC. * **Insulation Resistance:** 10^9 ohms minimum. * **Dielectric Strength:** 1,000 Vrms minimum at sea level. * **Operating Temperature:** -30°C to +65°C. --- ### 3. Key Features and Applications The **BY011U2CWCNQ22** is characterized by its "lock-out" or secure switching capability, often requiring a physical key to actuate. #### Features: 1. **High Security:** Prevents unauthorized operation of equipment. 2. **Positive Detent:** Provides clear physical feedback when the switch is turned. 3. **Gold or Silver Contacts:** Options available for low-level (logic) or power switching. #### Common Applications: * **Industrial:** Control panels for heavy machinery. * **Security:** Alarm system override panels. * **Medical:** Diagnostic equipment that requires restricted access. * **Computing:** Server rack power locks. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative contact materials for this switch series?
    • ⤷ Can this switch be configured as Momentary instead of Constant contact?
    • ⤷ What is the recommended PCB hole diameter for the 'C' type terminals?