BY011U2CWCMG22
AI

The part number **BY011U2CWCMG22** typically refers to a high-performance **TFT LCD Display Module**, often associated with industrial, medical, or specialized consumer electronic interfaces.
Below is a detailed breakdown of the electronic components and technical specifications characteristic of this module.
### 1. Technical Specifications Table
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Display Type** | TFT-LCD (Thin Film Transistor) |
| **Diagonal Size** | Approx. 1.1 inches (Circular/Round Display) |
| **Resolution** | 240 x 240 pixels (Typical for this series) |
| **Interface** | SPI (Serial Peripheral Interface) or MCU 8-bit |
| **Backlight** | White LED (WLED) |
| **Touch Panel** | Capable of Capacitive Touch (optional per sub-model) |
| **Driver IC** | GC9A01 or similar high-integration controller |
---
### 2. Key Electronic Components
The module is a multi-layered assembly of several critical electronic parts:
* **Glass Substrate (TFT Panel):** The core active-matrix layer where pixels are controlled by individual transistors.
* **Driver IC (Integrated Circuit):** This is the "brain" of the display. It translates data from your microcontroller (like an ESP32 or Arduino) into the voltages required to flip the liquid crystals.
* **FPC (Flexible Printed Circuit):** The orange/brown ribbon cable that carries power (VCC), ground (GND), and data signals (MISO, MOSI, CLK, CS) to the main PCB.
* **Backlight Unit (BLU):** Consists of high-efficiency white LEDs and a light guide plate to ensure even brightness across the circular surface.
---
### 3. Pinout Configuration (Common Interface)
Most modules in this series utilize an 8 to 12-pin FPC connection. A standard SPI configuration looks like this:
```markdown
1. GND - Power Ground
2. VCC - Power Supply (Typically 2.8V - 3.3V)
3. SCL - SPI Clock
4. SDA - SPI Data (MOSI)
5. RES - Reset Pin
6. DC - Data/Command Selection
7. CS - Chip Select
8. BLK - Backlight Control (PWM for Dimming)
```
---
### 4. Application Areas
Due to its small, circular form factor, the **BY011U2CWCMG22** is commonly integrated into:
1. **Wearables:** Smartwatches and fitness trackers.
2. **IoT Devices:** Thermostat displays or smart home control knobs.
3. **Automotive:** Digital gauges or gear shifter displays.
4. **Industrial:** Miniature status monitors for machinery.
---
- ⤷
What is the maximum brightness (nits) for this specific LCD module?
- ⤷ Can this display be driven by an Arduino or Raspberry Pi?
- ⤷ Does this model support multi-touch gestures or only single-point touch?