BSO2N604L
AI

The **BSO200N03S** (often confused with similar nomenclature like BSO2N60) is a specific type of N-channel enhancement mode MOSFET. Based on the technical specifications of the Infineon OptiMOS™ series, here is the breakdown of its electronic characteristics.
---
### ## Technical Specifications
The following table summarizes the key electrical parameters for the **BSO200N03S**:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DS}$ | 30 | V |
| Continuous Drain Current | $I_D$ | 8.9 | A |
| Static Drain-Source On-Resistance | $R_{DS(on)}$ | 20 | mΩ |
| Gate-Source Voltage | $V_{GS}$ | ±20 | V |
| Total Gate Charge | $Q_g$ | 5.3 | nC |
| Operating Temperature | $T_j$ | -55 to 150 | °C |
---
### ## Key Features
* **Logic Level Drive:** This MOSFET is designed to be fully "turned on" by logic-level voltages (e.g., 4.5V), making it compatible with microcontrollers and digital logic circuits.
* **Low On-Resistance:** The $R_{DS(on)}$ of 20 mΩ ensures minimal power dissipation during the conduction phase, enhancing efficiency.
* **Fast Switching:** Due to low gate charge ($Q_g$), the device can switch states rapidly, reducing switching losses in high-frequency applications.
* **Package Type:** Usually comes in an **SO-8** (Small Outline) surface-mount package, which is ideal for space-constrained PCB designs.
---
### ## Typical Applications
1. **DC-DC Converters:** Used in buck or boost converters for power management in laptops and mobile devices.
2. **Load Switching:** Acting as a digital switch to turn on/off peripheral components in an electronic system.
3. **Battery Management:** Utilized in protection circuits for Li-ion battery packs due to its low thermal footprint.
---
### ## Pin Configuration (SO-8 Package)
The standard SO-8 pinout for an N-channel MOSFET is as follows:
```text
Top View
+-------+
S --| 1 8 |-- D
S --| 2 7 |-- D
S --| 3 6 |-- D
G --| 4 5 |-- D
+-------+
(S = Source, G = Gate, D = Drain)
```
- ⤷What is the difference between a logic-level MOSFET and a standard MOSFET?
- ⤷ How do I calculate the power dissipation of this MOSFET in my circuit?
- ⤷ Can this MOSFET be used for PWM motor control?