BF243
AI

The **BF243** is a legacy NPN silicon epitaxial power transistor. While it is less common in modern surface-mount designs, it remains a notable component in the history of power electronics and for repair work on vintage equipment.
---
### ## Technical Specifications
The BF243 is designed for medium-power linear and switching applications. Below are the typical absolute maximum ratings and characteristics:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Emitter Voltage | $V_{CEO}$ | 30 | V |
| Collector-Base Voltage | $V_{CBO}$ | 40 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 5 | V |
| Collector Current (DC) | $I_C$ | 2.5 | A |
| Total Power Dissipation | $P_{tot}$ | 20 | W |
| Junction Temperature | $T_j$ | 150 | °C |
---
### ### Key Features and Structure
1. **Package Type:** It typically comes in the **SOT-32** (also known as TO-126) plastic package. This package is popular because it includes a mounting hole for a heatsink, essential for handling its 20W power rating.
2. **Complementary Pair:** The BF243 (NPN) is often paired with the **BF244 (PNP)** for use in push-pull amplifier stages.
3. **HFE (Current Gain):** It usually features a DC current gain ($h_{FE}$) ranging from 40 to over 100, depending on the specific binning and collector current.
---
### ### Common Applications
Due to its moderate power handling and voltage limits, the BF243 was frequently used in:
* **Audio Output Stages:** Used as a driver or output transistor in low-to-medium power hi-fi amplifiers.
* **Voltage Regulators:** Employed in series pass circuits for power supplies.
* **Relay Drivers:** Handling the current required to switch industrial relays or small motors.
* **General Switching:** Used in circuits where a standard signal transistor (like a BC547) cannot handle the required current.
---
### ### Modern Equivalents / Substitutes
If you are looking to replace a BF243 in a circuit, the following transistors are common modern alternatives, though you should always verify the pinout (Base-Collector-Emitter orientation):
* **BD135 / BD137 / BD139:** These are the most common functional replacements. The **BD139** is particularly robust with a higher voltage rating (80V).
* **MJE182:** A high-quality power transistor suitable for similar applications.
---
- ⤷How does the pinout of the BF243 compare to the BD139?
- ⤷ What are the specific thermal management requirements for a 20W SOT-32 transistor?
- ⤷ Can the BF243 be used in high-frequency RF applications?