Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • BAS4002A-RPP

  • AI
    ## Technical Overview of the BAS40-02A RPP The **BAS40-02A RPP** is a specific variant of the widely used BAS40 series Schottky Barrier Diode. This component is designed for high-speed switching and low-voltage applications, typically found in signal processing and RF circuits. ### 1. Key Technical Specifications The following table highlights the critical electrical parameters of the BAS40-02A: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Forward Continuous Current** | $I_{F}$ | 120 | mA | | **Forward Voltage Drop** (at 1mA) | $V_{F}$ | < 380 | mV | | **Reverse Recovery Time** | $t_{rr}$ | < 5 | ns | | **Total Capacitance** | $C_{T}$ | 5 | pF | | **Operating Temperature** | $T_{j}$ | -55 to +150 | °C | --- ### 2. Functional Characteristics The BAS40-02A RPP is characterized by several distinct features that define its use in electronic design: * **Schottky Technology:** Utilizes a metal-to-silicon junction to achieve extremely fast switching speeds and a low forward voltage drop compared to standard PN junction diodes. * **Reverse Polarity Protection (RPP):** While "RPP" can refer to the application (Reverse Polarity Protection), in specific manufacturer nomenclature, it often indicates the **pinout configuration** or a specialized packaging orientation (Reverse Pin Polarity) to ensure correct orientation on the PCB. * **Low Capacitance:** The low junction capacitance (typically 5pF) makes it ideal for high-frequency signal clamping and mixer applications. --- ### 3. Package and Pinout The BAS40-02A typically comes in a small surface-mount package, most commonly the **SOT-23** or **SOD-523**. * **Configuration:** The "02A" designation usually refers to a **Single Diode** configuration. * **Marking:** The component body will usually have a laser-marked code (e.g., "42" or "S4") to identify it in high-density layouts. --- ### 4. Common Applications The versatility of the BAS40-02A allows it to be used in various circuit segments: 1. **Ultra High-Speed Switching:** Used in digital logic circuits where fast transitions are required. 2. **Voltage Clamping:** Protecting sensitive IC inputs from overvoltage transients. 3. **RF Mixing/Detection:** Utilized in radio frequency circuits for signal rectification. 4. **Reverse Battery Protection:** In low-current battery-powered devices to prevent damage if the battery is inserted backwards. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the BAS40-02A and the BAS40-04 dual diode?
    • ⤷ How does the low forward voltage of a Schottky diode benefit battery-powered devices?
    • ⤷ What are the thermal considerations when using the BAS40-02A at its maximum current?