ATS-55150R-C2-R0
AI

The **ATS-55150R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed specifically for high-velocity airflow environments to cool electronic components like CPUs, GPUs, or high-power ASICs.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 2.50 °C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 15.00mm x 15.00mm x 19.50mm |
| **Fin Style** | Straight-Fin (maxiFLOW™ Pattern) |
| **Compliance** | RoHS Compliant |
---
### Key Design Components
#### 1. maxiFLOW™ Fin Geometry
Unlike standard square-cut fins, the maxiFLOW™ design features a flared fin structure. This increases the surface area available for heat dissipation while reducing pressure drop, making it highly efficient when paired with high-speed fans.
#### 2. pushPIN™ Attachment System
The part uses a **pushPIN™** mechanism which consists of:
* **Plastic/Brass Pins:** To secure the heat sink to the PCB.
* **Compression Springs:** To ensure consistent and precise pressure on the component (TIM), maximizing heat transfer.
* **Pre-drilled Holes:** Required on the PCB for installation.
#### 3. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that the unit comes with a **pre-applied Thermal Interface Material**. This eliminates the need for manual application of thermal paste, ensuring a uniform layer between the component and the heat sink base.
---
### Application Context
This specific heat sink is "low-profile" in terms of footprint (15mm x 15mm) but relatively tall (19.5mm). It is commonly found in:
* **Telecommunications:** Cooling small but high-heat network processors.
* **Embedded Systems:** For industrial PCs where space is tight but airflow is managed.
* **Power Supplies:** Cooling discrete power MOSFETs.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the thermal resistance change at higher LFM (linear feet per minute) values?
- ⤷ Can this heat sink be used without a fan in a passive cooling setup?