AT45D04IA-R
AI

The **AT45DB041A-R** is a member of the DataFlash family, originally manufactured by Atmel (now part of Microchip/Adesto). It is a 4-megabit, 2.5V or 2.7V minimum, serial-interface Flash memory device.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Capacity** | 4 Megabits (512 KB) |
| **Organization** | 2,048 pages (264 bytes per page) |
| **Interface** | SPI (Serial Peripheral Interface) - Modes 0 and 3 |
| **Voltage Range** | 2.7V to 3.6V (Standard) / 2.5V to 3.6V (Low voltage) |
| **Max Clock Frequency** | Up to 13 MHz - 20 MHz (depending on specific revision) |
| **Internal Buffers** | Two 264-byte SRAM buffers |
---
### 2. Core Architectural Components
#### A. Memory Array
Unlike standard NAND or NOR flash that uses power-of-two page sizes (like 256 or 512 bytes), the DataFlash uses an **extra-byte architecture** (264 bytes). This extra 8 bytes per page is often used for:
* Error Correction Code (ECC) storage.
* Checksums or metadata.
* Address linking in file systems.
#### B. Dual SRAM Buffers
This is the most significant electronic feature of the AT45 series. It contains two independent SRAM buffers.
* **Continuous Programming:** You can write data to Buffer 1 while the device is busy transferring data from Buffer 2 into the main Flash memory.
* **Performance:** It allows the system to bypass the slow "write-to-flash" latency by handling data at bus speeds.
#### C. Interface Pins
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **SCK** | Serial Clock | Provides the timing for the data transfer. |
| **SI** | Serial Input | Data shifted into the device on the rising edge of SCK. |
| **SO** | Serial Output | Data shifted out of the device on the falling edge of SCK. |
| **CS** | Chip Select | Activates the device when held low. |
| **WP** | Write Protect | Hardware protection for the upper memory sectors. |
| **RESET** | Reset | Terminates the current operation and resets the state machine. |
---
### 3. Operational Characteristics
* **Page Erase vs. Block Erase:** It supports granular erasing. You can erase a single page (264 bytes) or a block (8 pages). This makes it more efficient than standard Flash chips that require large sector erases.
* **Power Consumption:** It features a "Deep Power-Down" mode, reducing current consumption to roughly 2 µA, making it ideal for battery-operated IoT devices.
* **Endurance:** Typically rated for 100,000 program/erase cycles per page.
---
### 4. Part Number Suffix: "-R"
The suffix in Atmel/Adesto parts usually refers to the packaging or voltage variant:
* **-R:** Generally indicates **Tape and Reel** packaging for automated assembly.
* **Voltage Note:** Ensure your circuit matches the specific voltage rail (2.5V vs 2.7V) as specified in the "A" revision datasheet.
- ⤷
How does the dual-buffer system improve write performance compared to standard SPI flash?
- ⤷ What are the common use cases for the extra 8 bytes in the 264-byte page structure?
- ⤷ Is the AT45D041A pin-compatible with modern Adesto or Microchip DataFlash replacements?