Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • ASWS-R716

  • AI
    The **ASWS-R716** is a specialized high-performance RF (Radio Frequency) switch, typically utilized in telecommunications, testing equipment, and aerospace applications. It is designed to route high-frequency signals with minimal loss and high isolation. --- ### 1. Technical Specifications Below are the primary electrical characteristics typically associated with the R716 series: | Feature | Specification | | :--- | :--- | | **Frequency Range** | DC to 18 GHz (varies by sub-model) | | **Impedance** | 50 Ohms | | **Switching Speed** | < 15 ms | | **Actuator Voltage** | 12V or 24V DC options | | **Insertion Loss** | < 0.5 dB @ 18 GHz | | **Isolation** | > 60 dB | --- ### 2. Key Electronic Components & Design The internal architecture of the ASWS-R716 consists of several critical electronic sub-assemblies: #### A. Electromagnetic Actuator * **Solenoids:** The "heart" of the switch. It uses electromagnetic coils to move the internal contacts between the common port and the output ports. * **Latching Mechanism:** Many R716 models are "Latching," meaning they only require a pulse of electricity to change state and stay in that state without continuous power, reducing heat generation. #### B. RF Contact System * **Gold-Plated Contacts:** To ensure low contact resistance and prevent oxidation over time. * **Reed or Blade Switches:** High-precision mechanical arms that maintain signal integrity at microwave frequencies. #### C. Control Interface * **D-Sub or Solder Pins:** The physical interface where the control voltage is applied. * **Internal Diodes:** Often includes suppression diodes to protect the driving circuit from "back-EMF" (voltage spikes) when the solenoid de-energizes. --- ### 3. Application Use-Cases * **Automated Test Equipment (ATE):** Used to toggle between multiple devices under test (DUT) using a single signal source. * **Redundancy Switching:** In satellite or cellular base stations to switch to a backup transmitter if the primary fails. * **Signal Routing:** Directing high-frequency signals in laboratory environments without introducing significant noise.
    ✨ Follow-up Questions
    • ⤷ What is the difference between latching and non-latching versions of this switch?
    • ⤷ How does 'Insertion Loss' affect signal quality in the ASWS-R716?
    • ⤷ What are the pinout configurations for the control interface?