ASPI-8030LR-R33M-T
AI

The **ASPI-8030LR-R33M-T** is a high-performance, surface-mount (SMD) power inductor manufactured by **Abracon**. It is specifically designed for high-current applications where space-saving and efficiency are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% (M) |
| **Saturation Current (Isat)** | ~22.0 Amperes |
| **RDC (DC Resistance)** | ~3.0 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 8.0 x 8.0 x 3.0 mm |
| **Packaging** | Tape & Reel (T) |
---
### 2. Detailed Component Breakdown
#### A. Power Characteristics
This inductor is characterized by its **ultra-low DC Resistance (RDC)**. This minimizes power loss due to heat (I²R losses), making it ideal for high-efficiency power conversion. The saturation current rating is high relative to its footprint, allowing it to handle significant power spikes without the inductance dropping off sharply.
#### B. Construction & Shielding
The ASPI series uses a **magnetic shielding** technique. This is crucial for:
* **EMI Reduction:** Minimizing electromagnetic interference with surrounding components.
* **Acoustic Noise:** Reducing the "buzzing" sound often found in unshielded power inductors under high load.
#### C. Part Number Decoding
Understanding the nomenclature helps in identifying its siblings in the same family:
* **ASPI-8030LR**: Series name (8.0mm size, low profile "LR").
* **R33**: Inductance value (R33 = 0.33 microhenries).
* **M**: Tolerance code (±20%).
* **T**: Packaging style (Tape and Reel).
---
### 3. Common Applications
Due to its high current handling and small profile, it is typically found in:
1. **DC/DC Converters:** Used as the storage element in buck or boost regulators.
2. **Graphic Cards & Motherboards:** Filtering power for high-demand CPUs and GPUs.
3. **Industrial Power Supplies:** Where high reliability and thermal stability are required.
4. **Battery Powered Devices:** Where low resistance translates directly to longer battery life.
---
### 4. Footprint and Mounting
The part features a flat top surface, which is optimized for high-speed automated **Pick-and-Place** assembly. The metal alloy core construction provides high mechanical robustness against physical shocks and vibrations.
- ⤷What is the difference between Isat and Irms for this specific inductor?
- ⤷ Can you suggest an equivalent part from another manufacturer like Vishay or Bourns?
- ⤷ How does the temperature rise affect the 0.33uH inductance value?