ASPI-2012-R68M-T
AI

The **ASPI-2012-R68M-T** is a surface-mount (SMD) power inductor manufactured by Abracon. It is designed for compact electronic circuits that require high efficiency and low electromagnetic interference (EMI).
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specifications:
| Segment | Meaning | Value |
| :--- | :--- | :--- |
| **ASPI** | Series Name | Abracon Surface Power Inductor |
| **2012** | Dimensions | Approx. 2.0mm x 1.25mm |
| **R68** | Inductance Value | 0.68 µH (Microhenries) |
| **M** | Tolerance | ±20% |
| **T** | Packaging | Tape & Reel |
---
### 2. Technical Specifications
The following table highlights the core electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **DC Resistance (DCR)** | ~55 mΩ (Max) |
| **Saturation Current (Isat)** | ~2.5 A (Typical) |
| **Temperature Rise Current (Irms)** | ~2.1 A (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 3. Key Features & Construction
* **Magnetically Shielded:** The part is constructed to contain the magnetic field, which prevents interference with nearby sensitive components on the PCB.
* **Low Profile:** With a height of approximately 1.0mm to 1.2mm, it is ideal for thin consumer electronics like smartphones and tablets.
* **Metal Alloy Core:** This series typically uses a metal powder core which offers higher saturation currents compared to traditional ferrite cores.
* **High Efficiency:** Low DC resistance (DCR) minimizes power loss as heat.
---
### 4. Common Applications
This inductor is primarily used in DC-DC conversion circuits where space is limited:
1. **Mobile Devices:** Power management for smartphones, wearables, and tablets.
2. **Point of Load (POL):** Localized voltage regulation on motherboards.
3. **IoT Modules:** Compact wireless sensors requiring efficient battery management.
4. **SSD/Storage:** Power rails for high-speed data drives.
---
### 5. Soldering & Footprint
The **2012** size corresponds to the metric system (roughly **0805** in imperial units). When designing a PCB, ensure the land pattern accounts for the side terminals to ensure a robust solder joint during reflow.
```markdown
Recommended Land Pattern (Approximate):
- Pad Width: 1.25 mm
- Pad Length: 0.70 mm
- Gap between pads: 0.80 mm
```
---
- ⤷What are the differences between a metal alloy core and a ferrite core inductor?
- ⤷ How does 'Saturation Current' affect the performance of this inductor in a power circuit?
- ⤷ What are the equivalents for the ASPI-2012 series from other manufacturers?