ASPI-0418FS-R82
AI

## ASPI-0418FS-R82: Technical Overview
The **ASPI-0418FS-R82** is a shielded surface-mount (SMD) power inductor manufactured by **Abracon**. It is designed for high-efficiency power conversion in compact electronic devices.
---
### 1. Key Technical Specifications
The following table outlines the fundamental electrical and physical characteristics of this component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±30% (designated by 'N') |
| **DC Resistance (DCR)** | 18 mΩ (Max) |
| **Saturation Current ($I_{sat}$)** | 4.80 A |
| **RMS Current ($I_{rms}$)** | 3.50 A |
| **Self-Resonant Frequency (SRF)** | 110 MHz |
| **Operating Temperature** | -40°C to +125°C |
| **Case Size (Metric)** | 4.0 x 4.0 x 1.8 mm |
---
### 2. Part Number Breakdown
The part number follows a specific nomenclature that defines its physical and electrical properties:
* **ASPI**: Series name (Abracon SMD Power Inductor).
* **0418**: Dimensions (Approx. 4.0mm width/length and 1.8mm height).
* **FS**: Type code (Typically denotes magnetic shielding and ferrite core construction).
* **R82**: Inductance value (R = decimal point; R82 = 0.82 µH).
---
### 3. Electronic Features & Construction
* **Magnetic Shielding:** The "FS" series features a semi-shielded construction. This reduces Electromagnetic Interference (EMI) compared to non-shielded inductors, making it suitable for high-density PCB layouts where components are placed closely together.
* **Low Profile:** With a height of only 1.8mm, it is ideal for thin consumer electronics like smartphones, tablets, and wearable tech.
* **High Current Handling:** Despite its small size, the 4.8A saturation current allows it to handle significant power surges without the inductance dropping significantly.
* **Ferrite Core:** Utilizes a ferrite material that provides high efficiency and low core losses at high switching frequencies.
---
### 4. Common Applications
Due to its specifications, the ASPI-0418FS-R82 is primarily used in:
1. **DC-DC Converters:** Voltage regulation in battery-powered devices.
2. **Switching Power Supplies:** Used in buck, boost, or buck-boost topologies.
3. **LED Drivers:** Providing stable current to high-brightness LEDs.
4. **Peripheral Equipment:** Hard drives, SSDs, and notebook computers.
---
- ⤷
What is the difference between Saturation Current and RMS Current for this inductor?
- ⤷ How does the 'semi-shielded' design compare to a fully shielded inductor in terms of EMI?
- ⤷ Are there alternative inductors with a lower DCR in the same 4018 footprint?