Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • AS200-R

  • AI
    The **AS200-R** typically refers to a high-performance **High-Speed Rotating Arc Welding Sensor** or a specific series of **Brushless AC Servo Drives** (depending on the manufacturer, often associated with industrial automation brands like Adtech or specialized welding equipment). Below is a breakdown of the electronic components and architecture commonly found in the **AS200-R Servo Drive** series, which is the most prevalent electronic assembly under this part number. ### 1. Core Electronic Architecture The AS200-R utilizes a digital signal processing framework to manage high-precision motion control. | Component Category | Key Parts | Function | | :--- | :--- | :--- | | **Control Unit** | DSP (Digital Signal Processor) + FPGA | Handles high-speed loops (current, speed, and position) and logic processing. | | **Power Module** | IPM (Intelligent Power Module) | Contains the IGBT inverter bridge and protection circuitry for motor driving. | | **Feedback Interface** | Encoder Signal Processor | Decodes signals from 17-bit or 23-bit absolute/incremental encoders. | | **Rectifier Bridge** | Diode Bridge Rectifier | Converts incoming AC supply (220V) to internal DC bus voltage. | --- ### 2. Key Electronic Features The "R" suffix often denotes specific hardware revisions or communication enhancements (such as RS485 or specialized resistance handling). * **Communication Ports:** * **RS-485/RS-232:** For Modbus RTU communication with PLCs or HMIs. * **Pulse/Direction Interface:** High-speed optocouplers to receive differential or single-ended step signals. * **Protection Circuitry:** * **Dynamic Braking Resistor:** Internal circuit to dissipate regenerative energy during rapid deceleration. * **EMC Filtering:** Integrated capacitors and inductors to reduce electromagnetic interference. * **I/O Terminals:** * Programmable Digital Inputs (DI) and Outputs (DO). * Analog Input (AI) for torque or speed reference (typically ±10V). --- ### 3. Technical Specifications Table Typical electronic ratings for the AS200-R series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Single/Three-phase AC 220V (-15% ~ +10%) | | **Feedback** | 2500 ppr Incremental or 17-bit Absolute | | **Pulse Frequency** | Up to 500 kpps (Differential) | | **Speed Control Ratio** | 1:5000 | | **Protection Functions** | Overcurrent, Overvoltage, Overheat, Encoder Error | --- ### 4. Connectivity Diagram (Simplified) ```mermaid graph LR A[AC Power] --> B[Rectifier/DC Bus] B --> C[IPM Inverter] C --> D[Servo Motor] E[Encoder] -- Feedback -- > F[DSP Controller] F -- PWM Control --> C G[PLC/HMI] -- Pulse/Modbus --> F ```
    ✨ Follow-up Questions
    • ⤷ How do you wire the RS-485 communication port on the AS200-R?
    • ⤷ What are the common error codes for the AS200-R IPM module?
    • ⤷ Can the AS200-R support 23-bit absolute encoders?