AS04032PR-R
AI

The **AS04032PR-R** is a high-performance miniature speaker manufactured by **PUI Audio**. It is designed for compact electronic applications that require clear audio output within a small footprint.
---
### 1. Technical Specifications
The following table highlights the core electrical and physical characteristics of the AS04032PR-R:
| Parameter | Specification |
| :--- | :--- |
| **Impedance** | 8 Ohms ± 15% |
| **Rated Power** | 2 Watts |
| **Max Power** | 3 Watts |
| **Resonant Frequency (Fs)** | 500 Hz ± 20% |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 84 dB ± 3dB @ 1W/0.5m |
| **Magnet Material** | Neodymium (NdFeB) |
| **Weight** | ~6.6 grams |
---
### 2. Key Features and Materials
* **Neodymium Magnet:** Uses high-strength Neodymium to provide high sensitivity and power handling despite its small size.
* **Paper Cone & Cloth Surround:** This combination provides a natural sound profile and durability for mid-to-high frequency reproduction.
* **Compact Square Frame:** The 40mm x 40mm square design allows for easy mounting in enclosures and handheld devices.
* **RoHS Compliant:** The part meets environmental standards for hazardous substances.
---
### 3. Physical Dimensions
The device is characterized by its slim profile, making it ideal for space-constrained designs:
* **Width/Height:** 40mm x 40mm
* **Depth:** 11.5mm
* **Mounting Type:** Flush mount / Screw holes
---
### 4. Typical Applications
The AS04032PR-R is commonly found in the following electronic systems:
1. **Industrial Controls:** Audio feedback for kiosks or control panels.
2. **Medical Devices:** Alarms and voice prompts for monitoring equipment.
3. **Consumer Electronics:** Smart home speakers, intercoms, and portable radios.
4. **Security Systems:** Warning sirens and voice communication modules.
---
### 5. Implementation Example
When integrating this speaker into a circuit, it is typically driven by a Class-D or Class-AB audio amplifier. Below is a conceptual connection:
```c
// Pseudo-code representation of PWM Audio Drive
void play_tone(int frequency, int duration) {
// Configure Timer for Frequency (e.g., 1kHz)
// Connect PWM Output to Audio Amplifier Input
// Amplifier Output connected to AS04032PR-R (8 Ohm load)
start_pwm(frequency);
delay(duration);
stop_pwm();
}
```
- ⤷What is the recommended amplifier power for this speaker?
- ⤷ How does the resonant frequency affect the enclosure design?
- ⤷ Are there waterproof versions of this PUI Audio speaker?