AS03208MS-3-R
AI

The **AS03208MS-3-R** is a high-performance miniature speaker manufactured by **PUI Audio**. It is specifically designed for compact electronic devices requiring clear sound output within a small footprint.
---
### 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 8 Ohms (±15%) |
| **Rated Power** | 1.0 Watt |
| **Maximum Power** | 1.5 Watts |
| **Sound Pressure Level (SPL)** | 88 dB @ 1W / 0.1M |
| **Resonant Frequency (Fo)** | 500 Hz (±20%) |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Magnet Material** | Neodymium (NdFeB) |
| **Weight** | ~4.5 grams |
---
### 2. Key Features
* **Neodymium Magnet:** Utilizes high-grade Neodymium to provide a strong magnetic field in a lightweight package, ensuring high efficiency and sensitivity.
* **Mylar Cone:** The diaphragm is typically made of Mylar (polyester film), which is resistant to moisture and provides a consistent frequency response.
* **Compact Dimensions:** Usually measures approximately 32mm in diameter (as indicated by the "32" in the part number prefix), making it ideal for handheld electronics.
* **Spring Contacts / Lead Wires:** Depending on the specific revision, these parts often feature solder pads or pre-attached leads for easy PCB integration.
---
### 3. Common Applications
This speaker is commonly integrated into the following types of electronic systems:
1. **Handheld Terminals:** Scanners, GPS units, and mobile point-of-sale (POS) systems.
2. **Medical Instrumentation:** Diagnostic equipment that requires audible alarms or voice prompts.
3. **Security Systems:** Control panels and intercoms.
4. **IoT Devices:** Smart home hubs and voice-activated assistants.
---
### 4. Typical Circuit Connection
To drive this speaker using a microcontroller (like an Arduino or ESP32), a simple transistor circuit or a Class-D audio amplifier is required.
```cpp
// Example: Driving a 1W 8-ohm speaker via a PAM8403 Amplifier
// VCC -> 5V
// GND -> GND
// L/R Input -> PWM Pin (through RC filter)
// Output -> AS03208MS-3-R Terminals
```
- ⤷
What is the maximum operating temperature for the AS03208MS-3-R?
- ⤷ Does this speaker require a specific enclosure for optimal bass response?
- ⤷ How does the SPL change if the power is reduced to 0.5 Watts?