Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • AM25LS2518PC

  • AI
    The **AM25LS2518PC** is a high-performance integrated circuit (IC) belonging to the Advanced Low-Power Schottky (ALS/LS) family. It is specifically designed as a **Quad 3-State Register** with clear capabilities. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | Advanced Low-Power Schottky (ALS/LS) | | **Function** | Quad D-Type Register (4-Bit) | | **Package Type** | PDIP-16 (Plastic Dual In-line Package) | | **Output Type** | 3-State (High, Low, High-Impedance) | | **Operating Voltage** | 4.75V to 5.25V (Standard 5V Logic) | | **Pin Count** | 16 Pins | --- ### 2. Functional Description The device consists of four D-type flip-flops with a common Clock (CP) and a common Master Reset (MR). #### Core Features: * **3-State Outputs:** The outputs can be set to a high-impedance state (Hi-Z), allowing multiple registers to be connected to the same bus without interference. * **Edge-Triggered:** Data is loaded into the registers on the positive-going edge of the clock pulse. * **Common Clear:** A "Master Reset" pin allows for all registers to be cleared simultaneously, independent of the clock. * **Low Power Consumption:** Being part of the "LS" (Low-power Schottky) series, it provides a balance between high speed and reduced power dissipation compared to standard TTL logic. --- ### 3. Pinout Configuration (Standard 16-Pin DIP) While specific pin mapping should be verified via the datasheet, the general layout for this 4-bit register includes: * **VCC/GND:** Power supply (5V) and Ground. * **D0 - D3:** Four Data Input pins. * **Q0 - Q3:** Four 3-State Data Output pins. * **CP:** Clock Pulse input. * **MR:** Master Reset (Active Low or High depending on specific sub-variant, usually Active Low for clearing). * **OE:** Output Enable (Controls the 3-state condition). --- ### 4. Typical Applications The AM25LS2518PC is primarily used in digital systems where data needs to be stored temporarily or synchronized with a clock signal: 1. **Buffer Registers:** Holding data between a processor and a peripheral bus. 2. **Digital Pipelines:** Moving data through successive stages of a computational process. 3. **Bus-Oriented Systems:** Because of its 3-state outputs, it is ideal for systems where multiple components share a single data bus. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AM25LS2518 and the standard 74LS series registers?
    • ⤷ How do the 3-state outputs behave when the Output Enable pin is toggled?
    • ⤷ Can this IC be used in modern 3.3V logic systems?