AM25LS2517DMB
AI

The **AM25LS2517DMB** is a high-performance, military-grade integrated circuit (IC) primarily used as a **4-bit arithmetic logic unit (ALU)** or a **4-bit register/micro-program sequencer** component, depending on the specific application within the Am2900 bit-slice family. It was manufactured by Advanced Micro Devices (AMD).
---
### 1. Key Technical Specifications
The "LS" in the part number indicates **Low-power Schottky** technology, which balances high speed with reduced power consumption. The "DMB" suffix denotes a **Hermetic Ceramic DIP** package with **Military** grade screening.
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | Low-power Schottky (LS) |
| **Bit Width** | 4-Bit |
| **Package Type** | 20-Pin Ceramic DIP (Dual In-line Package) |
| **Operating Temperature** | -55°C to +125°C (Military Grade) |
| **Supply Voltage ($V_{CC}$)** | 5.0V ± 10% |
| **Function** | Multi-port Register / ALU Arithmetic support |
---
### 2. Functional Description
The AM25LS2517 is often categorized as a **High-Speed 4-Bit Register**. In complex vintage computing architectures, it functions as a "pipeline register" or a "microinstruction register."
#### Primary Components:
* **D-Type Flip-Flops:** Four edge-triggered flip-flops for storing 4 bits of data.
* **Three-State Outputs:** Allows the device to interface directly with bus-oriented systems.
* **Clock Enable ($G$):** Provides control over when data is loaded into the register.
* **Clear ($CLR$):** Asynchronous input to reset the register outputs to a low state.
---
### 3. Pinout Configuration (Standard 20-Pin)
The device typically follows this logical layout for its 20 pins:
| Pin Category | Description |
| :--- | :--- |
| **Data Inputs ($D_0 - D_3$)** | Parallel data entering the register. |
| **Data Outputs ($Q_0 - Q_3$)** | Buffered outputs of the stored data bits. |
| **Clock ($CP$)** | Trigger for data loading (usually on the rising edge). |
| **Output Enable ($\overline{OE}$)** | Controls the high-impedance state of the outputs. |
| **Ground / VCC** | Power pins (Pin 10 GND / Pin 20 VCC). |
---
### 4. Application Context
The AM25LS2517 was a staple in **Bit-Slice Architecture**. Unlike modern monolithic CPUs, bit-slice processors were built by combining several of these 4-bit components to create 8-bit, 16-bit, or 32-bit processors.
* **Military Systems:** Used in flight computers and radar processing due to the ceramic "DMB" durability.
* **Digital Signal Processing (DSP):** Early high-speed math processors.
* **Controllers:** Used in disk drive controllers and high-end graphics terminals in the 1980s.
- ⤷
What are the main differences between the AM25LS series and the standard 74LS series?
- ⤷ Can you explain the concept of 'Bit-Slice' architecture in more detail?
- ⤷ What modern equivalents exist for high-speed military-grade registers?