AM25LS22DM
AI

## Overview of the AM25LS22DM
The **AM25LS22DM** is a high-performance integrated circuit (IC) primarily used as an **8-Bit Serial/Parallel Register** with 3-state outputs. Manufactured using Low-power Schottky (LS) technology, it is designed for high-speed data buffering and bus-oriented applications.
The "DM" suffix typically denotes a **Dual-In-line Package (DIP)** with a **Military-grade** temperature range.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Logic Family** | Low-power Schottky (LS) |
| **Function** | 8-Bit Register (Serial/Parallel) |
| **Output Type** | 3-State (Tri-state) |
| **Operating Voltage ($V_{CC}$)** | 4.5V to 5.5V (Standard 5V) |
| **Temperature Range** | Military (-55°C to +125°C) |
| **Package Type** | 20-Pin CDIP (Ceramic Dual In-line Package) |
---
### 2. Core Electronic Components & Features
The device consists of several internal electronic stages that allow it to manage data flow efficiently:
#### A. 8-Bit Storage Register
At its core, the chip contains eight D-type flip-flops. These flip-flops capture data on the positive-going edge of the clock signal. This allows the device to "remember" or buffer 8 bits of information.
#### B. 3-State Outputs
The outputs are "3-state" (High, Low, and High-Impedance).
- **High-Impedance (Hi-Z):** When the Output Enable ($\overline{OE}$) pin is high, the device effectively disconnects from the bus.
- This feature is critical for electronic systems where multiple devices share the same data line (Bus contention prevention).
#### C. Control Pins
- **Clock (CP):** Synchronizes data entry.
- **Synchronous Clear ($\overline{CLR}$):** Resets all internal registers to zero in sync with the clock.
- **Parallel/Serial Load:** Determines if data enters from 8 individual pins or shifts in bit-by-bit.
---
### 3. Logic Symbol Representation
```text
+-------+-------+
D0 --| |-- Q0
D1 --| |-- Q1
D2 --| AM25LS22 |-- Q2
D3 --| |-- Q3
D4 --| 8-BIT |-- Q4
D5 --| REGISTER |-- Q5
D6 --| |-- Q6
D7 --| |-- Q7
+---------------+
CP (Clock Pulse)
/OE (Output Enable)
```
---
### 4. Common Applications
1. **Data Bus Buffering:** Used as an intermediary between a microprocessor and a data bus to stabilize signals.
2. **Serial-to-Parallel Conversion:** Converting data streams from serial communication lines into 8-bit parallel chunks for CPU processing.
3. **Military Systems:** Due to the "DM" designation, it is often found in legacy aerospace, defense, and high-reliability industrial hardware that requires operation in extreme temperatures.
- ⤷
What is the difference between the AM25LS22 and a standard 74LS374 register?
- ⤷ Can this IC be used in modern 3.3V CMOS logic systems?
- ⤷ How does the 'Synchronous Clear' feature differ from an asynchronous reset?