Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • ADR512ART-R2

  • AI
    ## Technical Overview of ADR512ART-R2 The **ADR512ART-R2** is a precision shunt voltage reference manufactured by Analog Devices. It is designed to provide a highly stable 1.200 V output, primarily used as a reference for data converters and analog circuitry in space-constrained applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 1.200 V | | **Tolerance** | ±0.4% (Initial Accuracy) | | **Temperature Coefficient** | 60 ppm/°C | | **Operating Current Range** | 100 µA to 10 mA | | **Package Type** | SOT-23-3 | | **Operating Temperature** | -40°C to +85°C | | **Output Noise** | 4 µV p-p (0.1 Hz to 10 Hz) | --- ### 2. Functional Description The ADR512 acts similarly to a Zener diode but with much higher precision. It is a **shunt-mode** reference, meaning it regulates voltage by drawing varying amounts of current to maintain a constant potential across its terminals. #### Core Features: * **Low Power Consumption:** Operates effectively with as little as 100 µA, making it ideal for battery-powered devices. * **No Output Capacitor Required:** Unlike many other references, the ADR512 is stable without an external output capacitor, though one can be added to reduce noise further. * **Wide Operating Range:** It can handle up to 10 mA of shunt current, providing flexibility in power supply design. --- ### 3. Typical Application Circuit To use the ADR512, an external resistor ($R_s$) is required to set the operating current based on the input voltage ($V_{in}$). ```text Input Voltage (Vin) | [ Rs ] <-- Current Limiting Resistor | +-------o Output (1.2V) | [ADR512] | GND ``` The resistor value is calculated using: $$R_s = \frac{V_{in} - V_{out}}{I_{shunt} + I_{load}}$$ --- ### 4. Common Use Cases 1. **ADC/DAC Reference:** Provides the baseline voltage for 10-bit or 12-bit converters. 2. **Precision Monitors:** Used in battery voltage monitoring systems. 3. **Threshold Detectors:** Acts as a stable set-point for comparators. 4. **Handheld Instruments:** Due to the small SOT-23 footprint and low power draw.
    ✨ Follow-up Questions
    • How does the temperature coefficient affect the output voltage over its full operating range?
    • What are the primary differences between a shunt reference and a series reference?
    • Can you provide a calculation for Rs if the input voltage is 5V and the load current is 1mA?